Electronic Components Datasheet Search
  English  ▼

X  

LTC4160 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC4160
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4160 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC4160 Datasheet HTML 21Page - Linear Technology LTC4160 Datasheet HTML 22Page - Linear Technology LTC4160 Datasheet HTML 23Page - Linear Technology LTC4160 Datasheet HTML 24Page - Linear Technology LTC4160 Datasheet HTML 25Page - Linear Technology LTC4160 Datasheet HTML 26Page - Linear Technology LTC4160 Datasheet HTML 27Page - Linear Technology LTC4160 Datasheet HTML 28Page - Linear Technology LTC4160 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
LTC4155
25
4155fc
Byte Format
Each frame sent to or received from the LTC4155 must
be eight bits long, followed by an extra clock cycle for the
acknowledge bit. The data should be sent to the LTC4155
most significant bit (MSB) first.
Master and Slave Transmitters and Receivers
Devices connected to an I2C bus may be classified as
either master or slave. A typical bus is composed of one
or more master devices and a number of slave devices.
Some devices are capable of acting as either a master or
a slave, but they may not change roles while a transaction
is in progress.
The transmitter/receiver relationship is distinct from that
of master and slave. The transmitter is responsible for
control of the SDA line during the eight bit data portion
of each frame. The receiver is responsible for control of
SDA during the ninth and final acknowledge clock cycle
of each frame.
All transactions are initiated by the master with a START
or repeat START condition. The master controls the active
(falling) edge of each clock pulse on SCL, regardless of its
status as transmitter or receiver. The slave device never
brings SCL LOW, but may extend the SCL LOW time to
implement clock stretching if necessary. The LTC4155
does not clock stretch and will never hold SCL LOW under
any circumstance.
The master device begins each I2C transaction as the
transmitter and the slave device begins each transaction
as the receiver. For bus write operations, the master acts
as the transmitter and the slave acts as receiver for the
duration of the transaction. For bus read operations, the
master and slave exchange transmit/receive roles following
the address frame for the remainder of the transaction.
Acknowledge
The acknowledge signal (ACK) is used for handshaking
between the transmitter and receiver. When the LTC4155
is written to, it acknowledges its write address as well as
the subsequent data bytes as a slave receiver. When it is
read from, the LTC4155 acknowledges its read address
as a slave receiver. The LTC4155 then changes to a slave
transmitter and the master receiver may optionally acknowl-
edge receipt of the following data byte from the LTC4155.
The acknowledge related clock pulse is always generated by
the bus master. The transmitter (master or slave) releases
the SDA line (HIGH) during the acknowledge clock cycle.
The receiver (slave or master) pulls down the SDA line
during the acknowledge clock pulse so that it is a stable
LOW during the HIGH period of this clock pulse.
When the LTC4155 is read from, it releases the SDA line
after the eighth data bit so that the master may acknowl-
edge receipt of the data. The I2C specification calls for a
not acknowledge (NACK) by the master receiver following
the last data byte during a read transaction. Upon receipt
of the NACK, the slave transmitter is instructed to release
control of the bus. Because the LTC4155 only transmits
one byte of data under any circumstance, a master ac-
knowledging or not acknowledging the data sent by the
LTC4155 has no consequence. The LTC4155 will release
the bus in either case.
Slave Address
The LTC4155 responds to a 7-bit address which has been
factory programmed to 0b0001_001[R/W]. The LSB of
the address byte, known as the read/write bit, should be
0 when writing data to the LTC4155, and 1 when reading
data from it. Considering the address an 8-bit word, then
the write address is 0x12, and the read address is 0x13.
The LTC4155 will acknowledge both its read and write
addresses.
Sub Addressed Access
The LTC4155 has four command registers for control
input and three status registers for status reporting. They
are accessed by the I2C port via a sub addressed pointer
system where each sub address value points to one of
the seven control or status registers within the LTC4155.
The sub address pointer is always the first byte written
immediately following the LTC4155 write address dur-
ing bus write operations. The sub address pointer value
persists after the bus write operation and will determine
which data byte is returned by the LTC4155 during any
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com