Electronic Components Datasheet Search
  English  ▼

X  

EN29PL032A Datasheet(PDF) 2 Page - Eon Silicon Solution Inc.

Part # EN29PL032A
Description  32 Mbit (2 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29PL032A Datasheet(HTML) 2 Page - Eon Silicon Solution Inc.

  EN29PL032A Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
2
EN29PL032A
Rev. B, Issue Date: 2010/12/27
GENERAL DESCRIPTION
The EN29PL032A is a 32 Mega bit, 3.0 volt-only Page Mode and Simultaneous Read/Write Flash
memory device organized as 2 Mega words. The devices are offered in the following packages: 48-pin
TSOP
The word-wide data (x16) appears on DQ15-DQ0. This device can be programmed in-system or in
standard EPROM programmers. An 11.0 volt VPP is not required for write or erase operations.
The device offers fast page access times of 25 ns, with corresponding random access times of 70 ns,
respectively, allowing high speed microprocessors to operate without wait states. To eliminate bus
contention the device has separate chip enable (CE#), write enable (WE#) and output enable (OE#)
controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com