Electronic Components Datasheet Search
  English  ▼

X  

EN29PL032A Datasheet(PDF) 35 Page - Eon Silicon Solution Inc.

Part # EN29PL032A
Description  32 Mbit (2 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29PL032A Datasheet(HTML) 35 Page - Eon Silicon Solution Inc.

Back Button EN29PL032A Datasheet HTML 31Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 32Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 33Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 34Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 35Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 36Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 37Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 38Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 39Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
35
EN29PL032A
Rev. B, Issue Date: 2010/12/27
16.4 DQ2: Toggle Bit II
The “Toggle Bit II” on DQ2, when used with DQ6, indicates whether a particular sector is actively
erasing (that is, the Embedded Erase algorithm is in progress), or whether that sector is erase-
suspended. Toggle Bit II is valid after the rising edge of the final WE# pulse in the command sequence.
DQ2 toggles when the system reads at addresses within those sectors that have been selected for
erasure. (The system may use either OE# or CE# to control the read cycles.) But DQ2 cannot
distinguish whether the sector is actively erasing or is erase-suspended. DQ6, by comparison, indicates
whether the device is actively erasing, or is in Erase Suspend, but cannot distinguish which sectors are
selected for erasure. Thus, both status bits are required for sector and mode information. Refer to Table
16.1 to compare outputs for DQ2 and DQ6.
Figure 16.2 shows the toggle bit algorithm in flowchart form, and the DQ2: Toggle Bit II explains the
algorithm. See also the DQ6: Toggle Bit I. Figure 20.11 shows the toggle bit timing diagram. Figure
20.12 shows the differences between DQ2 and DQ6 in graphical form.
16.5 Reading Toggle Bits DQ6/DQ2
Refer to Figure 16.2 for the following discussion. Whenever the system initially begins reading toggle bit
status, it must read DQ7–DQ0 at least twice in a row to determine whether a toggle bit is toggling.
Typically, the system would note and store the value of the toggle bit after the first read. After the
second read, the system would compare the new value of the toggle bit with the first. If the toggle bit is
not toggling, the device has completed the program or erase operation. The system can read array data
on DQ7–DQ0 on the following read cycle.
However, if after the initial two read cycles, the system determines that the toggle bit is still toggling, the
system also should note whether the value of DQ5 is high (see the section on DQ5). If it is, the system
should then determine again whether the toggle bit is toggling, since the toggle bit may have stopped
toggling just as DQ5 went high. If the toggle bit is no longer toggling, the device has successfully
completed the program or erase operation. If it is still toggling, the device did not completed the
operation successfully, and the system must write the reset command to return to reading array data.
The remaining scenario is that the system initially determines that the toggle bit is toggling and DQ5 has
not gone high. The system may continue to monitor the toggle bit and DQ5 through successive read
cycles, determining the status as described in the previous paragraph. Alternatively, it may choose to
perform other system tasks. In this case, the system must start at the beginning of the algorithm when it
returns to determine the status of the operation.
16.6 DQ5: Exceeded Timing Limits
DQ5 indicates whether the program or erase time has exceeded a specified internal pulse count limit.
Under these conditions DQ5 produces a “1,” indicating that the program or erase cycle was not
successfully completed.
The device may output a “1” on DQ5 if the system tries to program a “1” to a location that was
previously programmed to “0.” Only an erase operation can change a “0” back to a “1.” Under this
condition, the device halts the operation, and when the timing limit has been exceeded, DQ5 produces
a “1.”
Under both these conditions, the system must write the reset command to return to the read mode (or to
the erase-suspend-read mode if a bank was previously in the erase-suspend-program mode).
16.7 DQ3: Sector Erase Timer
After writing a sector erase command sequence, the output on DQ3 can be checked to determine
whether or not an erase operation has begun. (The sector erase timer does not apply to the chip erase
command.) When sector erase starts, DQ3 switches from “0” to “1”. This device does not support
multiple sector erase (continuous sector erase) command sequences so it is not very meaningful since
it immediately shows as a “1” after the first 30h command. Future devices may support this feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com