Electronic Components Datasheet Search
  English  ▼

X  

EN29PL032A Datasheet(PDF) 34 Page - Eon Silicon Solution Inc.

Part # EN29PL032A
Description  32 Mbit (2 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29PL032A Datasheet(HTML) 34 Page - Eon Silicon Solution Inc.

Back Button EN29PL032A Datasheet HTML 30Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 31Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 32Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 33Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 34Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 35Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 36Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 37Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 38Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
34
EN29PL032A
Rev. B, Issue Date: 2010/12/27
After an erase command sequence is written, if all sectors selected for erasing are protected, DQ6
toggles for approximately 400 µs, then returns to reading array data. If not all selected sectors are
protected, the Embedded Erase algorithm erases the unprotected sectors, and ignores the selected
sectors that are protected.
The system can use DQ6 and DQ2 together to determine whether a sector is actively erasing or is
erase-suspended. When the device is actively erasing (that is, the Embedded Erase algorithm is in
progress), DQ6 toggles. When the device enters the Erase Suspend mode, DQ6 stops toggling.
However, the system must also use DQ2 to determine which sectors are erasing or erase-suspended.
Alternatively, the system can use DQ7 (see the DQ7: Data# Polling ).
If a program address falls within a protected sector, DQ6 toggles for approximately 1 µs after the
program command sequence is written, then returns to reading array data.
DQ6 also toggles during the erase-suspend-program mode, and stops toggling once the Embedded
Program algorithm is complete.
Table 16.1 shows the outputs for Toggle Bit I on DQ6. Figure 16.2 shows the toggle bit algorithm.
Figure 20.11 shows the toggle bit timing diagrams. Figure 20.12 shows the differences between DQ2
and DQ6 in graphical form. See also the DQ2: Toggle Bit II.
Figure 16.2
Toggle Bit Algorithm
Note:
The system should recheck the toggle bit even if DQ5 = “1” because the toggle bit may stop toggling as DQ5
changes to “1.” See the DQ6: Toggle Bit I and DQ2: Toggle Bit II for more information.
No
Yes
DQ 6 = Toggle?
D Q 5 = 1?
D Q 6 = T oggle?
No
No
Yes
Yes
R ead D ata twice
Start
R ead D ata twice (2)
Fail
Pass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com