Electronic Components Datasheet Search
  English  ▼

X  

EN29PL032A Datasheet(PDF) 13 Page - Eon Silicon Solution Inc.

Part # EN29PL032A
Description  32 Mbit (2 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29PL032A Datasheet(HTML) 13 Page - Eon Silicon Solution Inc.

Back Button EN29PL032A Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 14Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 15Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 16Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 17Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
13
EN29PL032A
Rev. B, Issue Date: 2010/12/27
Table 9.4
Sector Architecture (Sheet 1 of 2)
Bank
Sector
Sector Address (A20-A12)
Sector Size (Kwords)
Address Range (x16)
SA0
000000000
4
000000h–000FFFh
SA 1
000000001
4
001000h–001FFFh
SA 2
000000010
4
002000h–002FFFh
SA 3
000000011
4
003000h–003FFFh
SA 4
000000100
4
004000h–004FFFh
SA 5
000000101
4
005000h–005FFFh
SA 6
000000110
4
006000h–006FFFh
SA 7
000000111
4
007000h–007FFFh
SA 8
000001XXX
32
008000h–00FFFFh
SA 9
000010XXX
32
010000h–017FFFh
SA 10
000011XXX
32
018000h–01FFFFh
SA 11
000100XXX
32
020000h–027FFFh
SA 12
000101XXX
32
028000h–02FFFFh
SA 13
000110XXX
32
030000h–037FFFh
Bank
A
SA 14
000111XXX
32
038000h–03FFFFh
SA 15
001000XXX
32
040000h–047FFFh
SA16
001001XXX
32
048000h–04FFFFh
SA 17
001010XXX
32
050000h–057FFFh
SA 18
001011XXX
32
058000h–05FFFFh
SA 19
001100XXX
32
060000h–067FFFh
SA 20
001101XXX
32
068000h–06FFFFh
SA 21
001110XXX
32
070000h–077FFFh
SA 22
001111XXX
32
078000h–07FFFFh
SA 23
010000XXX
32
080000h–087FFFh
SA 24
010001XXX
32
088000h–08FFFFh
SA25
010010XXX
32
090000h–097FFFh
SA 26
010011XXX
32
098000h–09FFFFh
SA 27
010100XXX
32
0A0000h–0A7FFFh
SA 28
010101XXX
32
0A8000h–0AFFFFh
SA 29
010110XXX
32
0B0000h–0B7FFFh
SA 30
010111XXX
32
0B8000h–0BFFFFh
SA 31
011000XXX
32
0C0000h–0C7FFFh
SA 32
011001XXX
32
0C8000h–0CFFFFh
SA 33
011010XXX
32
0D0000h–0D7FFFh
SA 34
011011XXX
32
0D8000h–0DFFFFh
SA 35
011100XXX
32
0E0000h–0E7FFFh
SA 36
011101XXX
32
0E8000h–0EFFFFh
SA 37
011110XXX
32
0F0000h–0F7FFFh
Bank
B
SA 38
011111XXX
32
0F8000h–0FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com