Electronic Components Datasheet Search
  English  ▼

X  

EN29PL032A Datasheet(PDF) 21 Page - Eon Silicon Solution Inc.

Part # EN29PL032A
Description  32 Mbit (2 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29PL032A Datasheet(HTML) 21 Page - Eon Silicon Solution Inc.

Back Button EN29PL032A Datasheet HTML 17Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 18Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 19Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 20Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 21Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 22Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 23Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 24Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 25Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
21
EN29PL032A
Rev. B, Issue Date: 2010/12/27
12.1 Customer- Lockable Secured Silicon Sector (64 words)
The Customer Lockable Secured Silicon Sector is always shipped unprotected (DQ0 set to “0”),
allowing customers to utilize that sector in any manner they choose. If the security feature is not
required, the Secured Silicon Sector can be treated as an additional Flash memory space.
Please note the following:
■ Once the Secured Silicon Sector area is protected, the Secured Silicon Sector Indicator Bit (DQ0) is
permanently set to “1”.
■ The Secured Silicon Sector can be read any number of times, but can be programmed and locked
only once. The Secured Silicon Sector lock must be used with caution as once locked, there is no
procedure available for unlocking the Secured Silicon Sector area and none of the bits in the Secured
Silicon Sector memory space can be modified in any way.
■ The accelerated programming (ACC) is not available when the Secured Silicon Sector is enabled.
■ Once the Secured Silicon Sector is locked and verified, the system must write the Exit Secured
Silicon Sector Region command sequence which return the device to the memory array at sector 0.
12.2 Secured Silicon Sector Protection Bits
The Secured Silicon Sector Protection Bits prevent programming of the Secured Silicon Sector memory
area. Once set, the Secured Silicon Sector memory area contents are non-modifiable.
Figure 12.1 Secured Silicon Sector Protect Verify



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com