Electronic Components Datasheet Search
  English  ▼

X  

FS0H473ZF Datasheet(PDF) 26 Page - NEC

Part # FS0H473ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H473ZF Datasheet(HTML) 26 Page - NEC

Back Button FS0H473ZF Datasheet HTML 22Page - NEC FS0H473ZF Datasheet HTML 23Page - NEC FS0H473ZF Datasheet HTML 24Page - NEC FS0H473ZF Datasheet HTML 25Page - NEC FS0H473ZF Datasheet HTML 26Page - NEC FS0H473ZF Datasheet HTML 27Page - NEC FS0H473ZF Datasheet HTML 28Page - NEC FS0H473ZF Datasheet HTML 29Page - NEC FS0H473ZF Datasheet HTML 30Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
26 Super Capacitors Vol.12
d1 ± 0.1
P ± 0.5
Sleeve
D ± 0.5
d2 ± 0.1
(Terminal)
○
+
○
−
A1
001
A1
FR
FR
5.5 V
85℃ 0.022 F
5.5 V
85℃ 0.022 F
Negative polarity
identification mark
MAX
operating voltage
Nominal
capacitance
Date
code
Serial
number
6.6 FR Series
Markings on sleeve
Dimensions
Specifications
Part Number
MAX
operating
voltage
(
Vdc)
Nominal capacitance
MAX ESR
(
at 1 kHz)
(Ω)
MAX
current at
30 min.
(
mA)
Voltage
holding
characteristics
(
V)
Dimension (unit:mm)
Weight
(
g)
φ
DH
P
ℓ
d1
d2
Charge
system (F)
Discharge
system (F)
FR0H223ZF
5.5
0.022
0.028
220
0.033
4.2
11.5
14.0
5.08
2.7
0.4
1.2
2.3
FR0H473ZF
5.5
0.047
0.060
110
0.071
4.2
14.5
14.0
5.08
2.4
0.4
1.2
3.9
FR0H104ZF
5.5
0.10
0.15
150
0.15
4.2
14.5
15.5
5.08
2.4
0.4
1.2
4.3
FR0H224ZF
5.5
0.22
0.33
180
0.33
4.2
14.5
21.0
5.08
2.4
0.4
1.2
5.3
FR0H474ZF
5.5
0.47
0.75
100
0.71
4.2
16.5
21.5
5.08
2.7
0.4
1.2
7.5
FR0H105ZF
5.5
1.0
1.6
60
1.5
4.2
21.5
22.0
7.62
3.0
0.6
1.2
13.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com