Electronic Components Datasheet Search
  English  ▼

X  

FS0H473ZF Datasheet(PDF) 33 Page - NEC

Part # FS0H473ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H473ZF Datasheet(HTML) 33 Page - NEC

Back Button FS0H473ZF Datasheet HTML 29Page - NEC FS0H473ZF Datasheet HTML 30Page - NEC FS0H473ZF Datasheet HTML 31Page - NEC FS0H473ZF Datasheet HTML 32Page - NEC FS0H473ZF Datasheet HTML 33Page - NEC FS0H473ZF Datasheet HTML 34Page - NEC FS0H473ZF Datasheet HTML 35Page - NEC FS0H473ZF Datasheet HTML 36Page - NEC FS0H473ZF Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
Super Capacitors Vol.12 33
7. Packing
1. FM Series
(1) Bulk
Packing method:Pack in vinyl bags then pack them into cardboard boxes.
Standard packing quantity:1000pcs (100pcs / vinyl bag×10)
However:FM0H104ZF-L1 and FM0H224ZF-L1=800pcs, FMC0H334ZF=400pcs, FMC0H334ZF-L1=300pcs
(2) Taping
Packing method:Ammo pack
Standard packing quantity:1000pcs However, FMC0H334ZFTP( ) = 400pcs
2. FC Series
Part name
Packing unit
FC0H473ZFTBR24
1000 PCS. / reel
FC0H104ZFTBR24
1000 PCS. / reel
FC0H224ZFTBR24
500 PCS. / reel
FC0H474ZFTBR32-SS
200 PCS. / reel
FC0H105ZFTBR44-SS
150 PCS. / reel
FC0V104ZFTBR24
1000 PCS. / reel
FC0V224ZFTBR24
1000 PCS. / reel
FC0V474ZFTBR24
500 PCS. / reel
FCS0H473ZFTBR24
1000 PCS. / reel
FCS0H104ZFTBR24
1000 PCS. / reel
FCS0H224ZFTBR24
500 PCS. / reel
FCS0V104ZFTBR24
1000 PCS. / reel
FCS0V224ZFTBR24
1000 PCS. / reel
FCS0V474ZFTBR24
500 PCS. / reel
FCH0V683ZFTBR16
1500 PCS. / reel
FCH0H433ZFTBR16
1500 PCS. / reel
3.FG, FT, FS, FR, FY, FA Series
(1) Bulk (Small type)
Packing method:Pack in vinyl bags then pack them into cardboard boxes.
Standard packing quantity: see chart below.
(
Unit:Pises)
Series name
Capacitance
FA
FE
FS
FY
FR
FG
FT
5.5V type 11V type
5.5V type 11V type, 12V type
FYD
FYH
FYL
0.010F
−−−−−−−
2000
−
2000
−
0.022F
−
240
−
1000
−
1000
1600
2000
800
2000
−
0.047F
400
−
400
800
−
1000
800
1600
400
2000
−
0.10F
−−
400
600
−
800
600
−
400
1600
1000
0.22F
−−−
400
−
400
500
−
300
800
400
0.47F
−−−−−
240
−−
240
300
400
1.0F
−−−−−−−−−
240
−
(2) Bulk (large type)
Packing method: Pin the terminal onto a conductive mat; then pack it into individual cardboard box with insulation material.
Standard packing quantity: see chart below.
(
Unit:Pises)
Series name
Capacitance
FA
FE
FS
FY
FR
FG
FT
5.5V type 11V type
5.5V type 11V type, 12V type
FYD
FYH
FYL
0.10F
90
50
−−−−−−−−−
0.22F
50
30
90
−−−−−−−−
0.47F
30
20
50
90
50
−
90
−−−−
1.0F
20
−
30
50
50
90
50
−
90
−
90
1.4F
−−−−−
90
−−−−−
1.5F
−−
20
−−−−−−
160
−
2.2F
−−−−−
50
−−−
90
50
3.3F
−−−−−−−−−−
30
4.7F
−−−−−−−−−
50
−
5.0F
−−−−
20
−−−−−−
5.6F
−−−−−−−−−−
20
4. Winded type (HV Series)
Packing method:Pack in vinyl bags then pack them into cardboard boxes.
Standard packing quantity:320pcs (10F), 224pcs (22F), 120pcs (50F), 80pcs (100F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com