Electronic Components Datasheet Search
  English  ▼

X  

FS0H473ZF Datasheet(PDF) 6 Page - NEC

Part # FS0H473ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H473ZF Datasheet(HTML) 6 Page - NEC

Back Button FS0H473ZF Datasheet HTML 2Page - NEC FS0H473ZF Datasheet HTML 3Page - NEC FS0H473ZF Datasheet HTML 4Page - NEC FS0H473ZF Datasheet HTML 5Page - NEC FS0H473ZF Datasheet HTML 6Page - NEC FS0H473ZF Datasheet HTML 7Page - NEC FS0H473ZF Datasheet HTML 8Page - NEC FS0H473ZF Datasheet HTML 9Page - NEC FS0H473ZF Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
6 Super Capacitors Vol.12
4. Typical Applications
As in the characteristics remarked previously, Super Capacitor has characteristics intermediate between general capacitors and
batteries. Because of this, Super Capacitor can be used like a secondary battery when applied to DC circuit. The best suited
applications of Super Capacitor are back-up device for the power shut-down of micro computers and RAM's. The list below
shows main application examples.
Application Examples of Super Capacitor
Intended use
(guideline)
Power supply
(guideline)
Application
Examples of equipments
Series
Long time
back-up
500μA and below
・
CMOS RAM, IC for clocks
・
Measuring device, Control equipment,
Communication device,
Automotive power source
・
FR series
(85 ℃ guaranteed)
・
CMOS micro computer, IC for
clocks
・
CMOS micro computer
・
Static RAM/DTS
(digital tuning system)
・
FC series
・
FG series
・
FY series
・
FM series
Back-up for
1 hour or less
50 mA and below
・
Micro computer, RAM
・
VCR, Microwave oven,
・
Micro computer
・
Memory equipped device
・
FT series
・
FS series
・
Driving motor
・
VCR, Printer, Projector
・
Video disk
・
Subsidiary power supply for driving
motor during voltage drop
・
Camera
Back-up for
10 seconds
or less
1 A and below
・
Power source of toys, LED, buzzer
・
Toys, Display device, Alarm device
・
FA series
・
FE series
・
High current supply for a short
amount of time
・
Actuator, Relay solenoid, Gas igniter
Power assist
Up to several A
・
Power supply, Subsidiary power
supply
・
Street sign, Display light , UPS
・
HV series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com