Electronic Components Datasheet Search
  English  ▼

X  

FS0H473ZF Datasheet(PDF) 11 Page - NEC

Part # FS0H473ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H473ZF Datasheet(HTML) 11 Page - NEC

Back Button FS0H473ZF Datasheet HTML 7Page - NEC FS0H473ZF Datasheet HTML 8Page - NEC FS0H473ZF Datasheet HTML 9Page - NEC FS0H473ZF Datasheet HTML 10Page - NEC FS0H473ZF Datasheet HTML 11Page - NEC FS0H473ZF Datasheet HTML 12Page - NEC FS0H473ZF Datasheet HTML 13Page - NEC FS0H473ZF Datasheet HTML 14Page - NEC FS0H473ZF Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
Super Capacitors Vol.12 11
Tape and Reel Dimensions
[Reel Dimensions]
Dimensions of indented [square-hole plastic tape]
TBR16/24
t1
t2
Super capacitors fitting
on square-hole
Super capacitors fitting
on square-hole
t1
t2
A
P1
P2
P0
Forward direction
Sprocket hole
Indented square-hole
for fitting super capacitors
A
P1
R0.75
0.2
P2
P0
D0
D0
W
A
C
E
D
R:10
t
TBR32/44
BA
B
Logo
Recommended land pattern
Land pattern
Lead terminal
(mm)
Part Number
A
B
C
FC0H473ZFTBR24
5.0
4.6
2.5
FC0H104ZFTBR24
5.0
4.6
2.5
FC0H224ZFTBR24
5.0
4.6
2.5
FC0H474ZFTBR32-SS
5.0
10.0
2.5
FC0H105ZFTBR44-SS
10.0
10.5
3.5
FC0V104ZFTBR24
5.0
4.6
2.5
FC0V224ZFTBR24
5.0
4.6
2.5
FC0V474ZFTBR24
5.0
4.6
2.5
FCH0V683ZFTBR16
2.5
4.0
1.4
FCH0H433ZFTBR16
2.5
4.0
1.4
FCS0H473ZFTBR24
5.0
4.9
2.5
FCS0H104ZFTBR24
5.0
4.9
2.5
FCS0H224ZFTBR24
5.0
4.9
2.5
FCS0V104ZFTBR24
5.0
4.9
2.5
FCS0V224ZFTBR24
5.0
4.9
2.5
FCS0V474ZFTBR24
5.0
4.9
2.5
(mm)
Part Number
A
B
C
FC0H473ZFTBR24
5.0
3.6
1.2
FC0H104ZFTBR24
5.0
3.6
1.2
FC0H224ZFTBR24
5.0
3.6
1.2
FC0H474ZFTBR32-SS
5.0
6.8
1.2
FC0H105ZFTBR44-SS
10.0
7.0
1.4
FC0V104ZFTBR24
5.0
3.6
1.2
FC0V224ZFTBR24
5.0
3.6
1.2
FC0V474ZFTBR24
5.0
3.6
1.2
FCH0V683ZFTBR16
2.5
2.9
0.7
FCH0H433ZFTBR16
2.5
2.9
0.7
FCS0H473ZFTBR24
5.0
3.9
1.2
FCS0H104ZFTBR24
5.0
3.9
1.2
FCS0H224ZFTBR24
5.0
3.9
1.2
FCS0V104ZFTBR24
5.0
3.9
1.2
FCS0V224ZFTBR24
5.0
3.9
1.2
FCS0V474ZFTBR24
5.0
3.9
1.2
(mm)
Mark
TBR16
TBR24
TBR32
TBR44
A
380±2
380±2
330±2
380±2
B80±1
Product height 5.5mm
80±1
100±1
100±1
Product height 8.5mm
100±1
C13±0.5
13±0.5
13±0.5
13±0.5
D21±0.8
21±0.8
21±0.8
21±0.8
E2±0.5
2±0.5
2±0.5
2±0.5
W
17.5±1.0
Product height 5.5mm 25.5±0.5
33.5±1.0 45.5±1.0
Product height 8.5mm 25.5±1.0
t
2.0
2.0
2.0
2.0
(mm)
Mark
TBR16
TBR24
TBR32
TBR44
W
16.0
24.0
32.0
44.0
A
7.2
11.4
18.0
23.0
B
9.0
13.0
20.0
25.0
P0
4.0
4.0
4.0
4.0
P1
12.0
16.0
24.0
32.0
P2
2.0
2.0
2.0
2.0
F
7.5
11.5
14.2
20.2
φ
D0
1.55
1.55
1.55
1.55
t1
0.4
0.4
0.5
0.5
E
1.75
1.75
1.75
1.75
t2
5.0
Product height 5.5mm
6.0
10.0
12.0
Product height 8.5mm
8.4
G
–
–
28.4
40.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com