Electronic Components Datasheet Search
  English  ▼

X  

FS0H473ZF Datasheet(PDF) 29 Page - NEC

Part # FS0H473ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H473ZF Datasheet(HTML) 29 Page - NEC

Back Button FS0H473ZF Datasheet HTML 25Page - NEC FS0H473ZF Datasheet HTML 26Page - NEC FS0H473ZF Datasheet HTML 27Page - NEC FS0H473ZF Datasheet HTML 28Page - NEC FS0H473ZF Datasheet HTML 29Page - NEC FS0H473ZF Datasheet HTML 30Page - NEC FS0H473ZF Datasheet HTML 31Page - NEC FS0H473ZF Datasheet HTML 32Page - NEC FS0H473ZF Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
Super Capacitors Vol.12 29
Specifications
Series name
Item
FS type
Test conditions (conforming to JIS C 5160-1)
Category temperature range
−
25 ℃ to +70 ℃
MAX operating voltage
5.5Vdc, 11Vdc, 12Vdc
Capacitance
5.5V:0.022F to 1.0F
11V:0.47, 1.0
12V:1.0F, 5.0F
Refer to Measurement Conditions
Capacitance allowance
+
80 %, −20 %
Refer to Measurement Conditions
ESR
5.5V:0.0022F to 1.0F
11V:0.47F, 1.0F
12V:1.0F, 5.0F
Measured at 1kHz, 10mA ; See also Measurement
Conditions
Current (30-minutes value)
Refer to standard ratings
Refer to Measurement Conditions
Surge
Capacitance
More than 90% of initial ratings
Surge voltage:6.3V (5.5V type)
:
12.6V (11V type)
:
13.6V (12V type)
Charge:30 sec.
Discharge:9min 30sec.
Number of cycles:1000
Series resistance:0.022F
560Ω
:
0.047F
300Ω
:
0.10F
150Ω
:
0.22F
56Ω
:
0.47F
30Ω
:
1.0F
15Ω
:
5.0F
10Ω
Discharge resistance:0Ω
Temperature:70±2 ℃
ESR
Not to exceed 120% of initial ratings
Current (30 minutes value)
Not to exceed 120% of initial ratings
Appearance
No obvious abnormality
Characteristics in
different temperature
Capacitance
Phase 2
50% or higher than initial value
Conforms to 4.17
Phase1:+25±2 ℃
Phase2:−25±2 ℃
Phase4:+25±2 ℃
Phase5:+70±2 ℃
Phase6:+25±2 ℃
ESR
300% or less than initial value
Capacitance
Phase 3
ESR
Capacitance
Phase 5
150% or less than initial value
ESR
Satisfy initial ratings
Current (30 minutes value)
1.5CV (mA) or below
Capacitance
Phase 6
Within ±20% of initial value
ESR
Satisfy initial ratings
Current (30 minutes value)
Satisfy initial ratings
Lead strength (tensile)
No terminal damage
Conforms to 4.9
Vibration resistance
Capacitance
Satisfy initial ratings
Conforms to 4.13
Frequency:10 to 55 Hz
Testing time:6 hours
ESR
Current (30 minutes value)
Appearance
No obvious abnormality
Solderability
Over 3/4 of the terminal should be covered by
the new solder
Conforms to 4.11
Solder temp:245±5 ℃
Dipping time:5±0.5 sec.
1.6mm from the bottom should be dipped.
Solder heat resistance
Capacitance
Satisfy initial ratings
Conforms to 4.10
Solder temp:260±10 ℃
Dipping time:10±1 sec.
1.6mm from the bottom should be dipped.
ESR
Current (30 minutes value)
Appearance
No obvious abnormality
Temperature cycle
Capacitance
Satisfy initial ratings
Conforms to 4.12
Temperature condition:−25℃→Room temperature→
+
70℃→Room temperature
Number of cycles:5 Cycles
ESR
Current (30 minutes value)
Appearance
No obvious abnormality
High temp. and high
humidity resistance
Capacitance
Over 90% of the initial value (5.5V type)
Within ±20% of initial value (11V type, 12Vtype)
Conforms to 4.14
Temperature:40±2 ℃
Relative humidity:90 to 95 %RH
Testing time:240±8 hours
ESR
Not to exceed 120% of initial ratings
Current (30 minutes value)
Not to exceed 120% of initial ratings
Appearance
No obvious abnormality
High temperature load
Capacitance
Over 85% of the initial value (5.5V type)
Within ±20% of initial value (11V type, 12Vtype)
Conforms to 4.15
Temperature:70±2 ℃
Voltage applied:MAX operating voltage
Series protection resistance:0Ω
Testing time:1000+48
 
0
Hours
ESR
Below 200% of initial ratings
Current (30 minutes value)
Below 200% of initial ratings
Appearance
No obvious abnormality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com