Electronic Components Datasheet Search
  English  ▼

X  

MA-2013 Datasheet(PDF) 22 Page - NEC

Part # MA-2013
Description  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MA-2013 Datasheet(HTML) 22 Page - NEC

Back Button MA-2013 Datasheet HTML 18Page - NEC MA-2013 Datasheet HTML 19Page - NEC MA-2013 Datasheet HTML 20Page - NEC MA-2013 Datasheet HTML 21Page - NEC MA-2013 Datasheet HTML 22Page - NEC MA-2013 Datasheet HTML 23Page - NEC MA-2013 Datasheet HTML 24Page - NEC MA-2013 Datasheet HTML 25Page - NEC MA-2013 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Noise Filters VOL.11
22
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
100
50
0
0.1
1.0
10
30
Frequency (MHz)
100
50
0
LF-3300
LF-3200
Frequency (MHz)
0.1
1.0
10
30
100
50
0
0.1
1.0
10
30
Frequency (MHz)
100
50
0
0.1
1.0
10
30
Frequency (MHz)
LF-3500
LF-3400
100
50
0
0.1
1.0
10
30
Frequency (MHz)
LF-3600
Attenuation (Static Characteristics)
Casing Type
Metal box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com