Electronic Components Datasheet Search
  English  ▼

X  

MA-2013 Datasheet(PDF) 30 Page - NEC

Part # MA-2013
Description  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MA-2013 Datasheet(HTML) 30 Page - NEC

Back Button MA-2013 Datasheet HTML 26Page - NEC MA-2013 Datasheet HTML 27Page - NEC MA-2013 Datasheet HTML 28Page - NEC MA-2013 Datasheet HTML 29Page - NEC MA-2013 Datasheet HTML 30Page - NEC MA-2013 Datasheet HTML 31Page - NEC MA-2013 Datasheet HTML 32Page - NEC MA-2013 Datasheet HTML 33Page - NEC MA-2013 Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Noise Filters VOL.11
30
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
GT Series
Faston Terminal
[RoHS Compliant]
Faston® is a registered trademark of AMP Incorporated.
GT Series
Faston Terminal
[RoHS Compliant]
bGT-210J, GT-215J
bGT-205J
*Faston® is a registered trademark of Tyco Electronics AMP.
11
39
53max.
60.5
71.5
26
20
2-4.5ø
Faston® tab
5 #250
D
E
A
C
#250 Faston® tab
2-4.8ø
E
25
Label
bGT-01, 02 Type
29
84
74.7
67.5
E
19
19
Label
2-4.8ø
Shape and Dimensions
bGT-J, 01 Type
bGT-02 Type
E
IN
E
IN
Circuit Diagram
GT-205J
250
5
1500
300
0.5
1
35
–20 to +55 UL, CSA, TÜV, VDE 135
GT-210J
250
10
1500
300
0.5
1
35
–20 to +55 UL, CSA, TÜV, VDE 240
GT-215J
250
15
1500
300
0.5
1
35
–20 to +50 UL, CSA, TÜV, VDE 255
GT-20301
250
3
1500
300
1.0
1
35
–20 to +50
UL, CSA, TÜV
160
GT-20601
250
6
1500
300
1.0
1
35
–20 to +55
UL, CSA, TÜV
190
GT-21001
250
10
1500
300
1.0
1
35
–20 to +55
UL, CSA, TÜV
300
GT-20302
250
3
1500
300
1.0
1
35
–20 to +55
UL, CSA, TÜV
215
Rated
Rated
WithstandingInsulation resistance Leakage
Voltage
Self-
Operating
Model
voltage
current
voltage 1 min.,
500VDC 1 min.,
currentdrop
temperature temperatureCertified
Weight
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
50Hz,
rise
range
standard
(g)
AC (V)
(M ) min.
(mA) max.
(V) max.
(K) max.
(˚C)
Model
A
B
C
D
E
GT-20301
91.5
52.0
30.0
74.7
84.3
GT-20601
105.7
57.5
32.0
87.1
96.5
GT-21001
105.7
57.5
44.5
87.1
96.5
GT-20302
91.5
52.0
45.0
74.7
84.3
[mm]
Casing Type
Metal box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com