Electronic Components Datasheet Search
  English  ▼

X  

MA-2013 Datasheet(PDF) 25 Page - NEC

Part # MA-2013
Description  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MA-2013 Datasheet(HTML) 25 Page - NEC

Back Button MA-2013 Datasheet HTML 21Page - NEC MA-2013 Datasheet HTML 22Page - NEC MA-2013 Datasheet HTML 23Page - NEC MA-2013 Datasheet HTML 24Page - NEC MA-2013 Datasheet HTML 25Page - NEC MA-2013 Datasheet HTML 26Page - NEC MA-2013 Datasheet HTML 27Page - NEC MA-2013 Datasheet HTML 28Page - NEC MA-2013 Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
1
IN
2
3
4
OUT
5
6
NOISE FILTER
MADE IN JAPAN
C
B
A
4-C2
4-
ø6
L
M
*Recommended torque (N・m) max.
◆Line terminal (M5: 3.33, M6: 5.78, M8: 10.29, M10: 19.1)
◆Earth terminal (M5: 3.33, M6: 5.78, M8: 10.29, M10: 19.1)
1
2
3
4
5
6
OUT
IN
Circuit Diagram
bCommon mode
P
Z 0
Z 0
P: Power divider
Z 0 : 50
Z 0
EMI/EMC
filter
Measuring Circuit
Shape and Dimensions
Model
A
B
C
D
E
F
G
H
I
J
K
L
M
LH-3304
250 280 349
90
100 110
32
17
45.5 47.5 85
M5
M5
LH-3404
250 280 366 129 139 149
46
23
58
62
85
M6
M6
LH-3604
306 336 422 160 170 180
46
55
90
94
160 M6
M6
LH-3804
450 480 600 210 230 250
56
60 103
107
170 M8
M8
LH-31204 480 510 630 222 242 262
56
60 103
107
170 M8
M8
LH-31504 630 660 788 250 270 290
76
70 126
130
200 M10 M10
LH Series
Compliance with CE Marking
(LH-4 Series)
[RoHS Compliant]
LH Series
Compliance with CE Marking
(LH-4 Series)
[RoHS Compliant]
Common mode
100
50
0
0.1
1
10
30
LH-3304
Frequency (MHz)
Attenuation (Static Characteristics)
LH-3304
250
30
2000
300
1.2
1.5
30
–25 to +55
TÜV
LH-3404
250
40
2000
300
1.2
1.5
30
–25 to +55
TÜV
LH-3604
250
60
2000
300
1.2
1.5
30
–25 to +55
TÜV
LH-3804
250
80
2000
300
1.2
1.5
30
–25 to +55
TÜV
LH-31204
250
120
2000
300
1.2
1.5
30
–25 to +55
TÜV
LH-31504
250
150
2000
300
1.2
1.5
30
–25 to +55
TÜV
WithstandingInsulation resistance
Leakage
Voltage drop
Self-
Operating
Model
Rated voltage Rated current
voltage 1 min.,
500VDC 1 min.,
current
50Hz,
temperature
temperatureCertified
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
(V) max.
rise
range
standard
AC (V)
(M ) min.
(mA) max.
(K) max.
(˚C)
[mm]
Casing Type
Metal box
Noise Filters VOL.11
25
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com