Electronic Components Datasheet Search
  English  ▼

X  

MA-2013 Datasheet(PDF) 45 Page - NEC

Part # MA-2013
Description  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MA-2013 Datasheet(HTML) 45 Page - NEC

Back Button MA-2013 Datasheet HTML 41Page - NEC MA-2013 Datasheet HTML 42Page - NEC MA-2013 Datasheet HTML 43Page - NEC MA-2013 Datasheet HTML 44Page - NEC MA-2013 Datasheet HTML 45Page - NEC MA-2013 Datasheet HTML 46Page - NEC MA-2013 Datasheet HTML 47Page - NEC MA-2013 Datasheet HTML 48Page - NEC MA-2013 Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
GL Series
F, FV, FVP Type
[RoHS Compliant]
GL Series
F, FV, FVP Type
[RoHS Compliant]
GL-2030F
250
3
1500
300
0.5
1
30
–25 to +55
UL,CSA,TÜV,VDE
40
GL-2060F
250
6
1500
300
0.5
1
30
–25 to +55
UL,CSA,TÜV,VDE
40
GL-2030FV
250
3
1500
300
0.5
1
30
–25 to +55
UL,CSA,TÜV,VDE
40
GL-2060FV
250
6
1500
300
0.5
1
30
–25 to +55
UL,CSA,TÜV,VDE
40
GL-2080FVP
250
8
1500
300
0.2
1
30
–25 to +55
cULus
50
GL-2060FVP-XL 250
6
1500
300
0.1
1
30
–25 to +55
−
90
Rated
Rated
WithstandingInsulation resistance
Leakage
Voltage
Self-
Operating
Model
voltage
current
voltage 1 min.,
500VDC 1 min.,
currentdrop
temperature temperatureCertified
Weight
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
50Hz,
rise
range
standard
(g)
AC (V)
(M ) min.
(mA) max.
(V) max.
(K) max.
(˚C)
*FV and FVP types are also available with Faston
® terminal.
*Faston
® is a registered trademark of Tyco Electronics AMP.
Inlet Type
※22.5 for GL-2060FVP-XL
※
Shape and Dimensions
[mm]
A
Model
GL-FV
GL-FVP
GL-FVP-XL
35.5
47.5
69.5
B
50.0
61.0
82.8
C
21.0
21.0
22.0
bGL-F Type
bGL-FV,FVP,FVP-XL Type
2-3.3ø
Flat-head screw
22.5
+0.5
–0
2-3.3ø
23.0
–0
22.5
2-M3
6.0
52
46
35.5
Soldered
terminal
3P inlet with EN60320 V1
specifications
3.0
16
+0.5
–0
22.5
+0.5
–0
2-M3 Flat-head screw
6.0
B
A
C
(2) For front panel installation
Reference installation dimensions
(1) For rear panel installation
3P inlet with EN60320 VI
specifications
26
6.5
2.6
23.0
–0
21.5
–0
2-M3
(2) For front panel installation
Reference installation dimensions
(1) For rear panel installation
*Recommended torque (N・m) max. ◆Panel installation (M3: 0.78)
Noise Filters VOL.11
45
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com