Electronic Components Datasheet Search
  English  ▼

X  

MA-2013 Datasheet(PDF) 15 Page - NEC

Part # MA-2013
Description  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MA-2013 Datasheet(HTML) 15 Page - NEC

Back Button MA-2013 Datasheet HTML 11Page - NEC MA-2013 Datasheet HTML 12Page - NEC MA-2013 Datasheet HTML 13Page - NEC MA-2013 Datasheet HTML 14Page - NEC MA-2013 Datasheet HTML 15Page - NEC MA-2013 Datasheet HTML 16Page - NEC MA-2013 Datasheet HTML 17Page - NEC MA-2013 Datasheet HTML 18Page - NEC MA-2013 Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
Noise Filters VOL.11
15
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
bLF-240/240P/240U, LF-250/250P
bLF-260N
IN
2-6.5ø
M4
4-M6
2-6.5 9.0
A
B
C
GG
H
I
315max.
3000.5
285max.
30max.
30max.
M6
M4
(Earth)
2-4.5 7 oval hole
2-4.5ø
90max.
401.0
Label
G
IN Label E
*Recommended torque (N・m) max. ◆Line terminal (M6: 1.18) ◆Earth terminal (M4: 1.18)
bLF-240, 240P, 240U, 250, 250P
bLF-260N Series
IN
E
IN
E
Circuit Diagram
Common mode
P
Z 0
Z 0
P: Power divider
Z 0 : 50
EMI/EMC
filter
Measuring Circuit
Shape and Dimensions
Model
A
B
C
D
E
F
G
H
I
LF-240/240P
210 190 170 120 100
60
29
75
40
LF-240U
240 220 200
90
70
40
30
80
40
LF-250/250P
240 220 200
90
70
40
30
80
40
LF-260N
315 300 285 130 115
50
30
90
50
LF Series
Large Current Type
[RoHS Compliant]
LF Series
Large Current Type
[RoHS Compliant]
LF-240 Common mode
0.1
80
70
60
50
40
30
20
10
0
0.2 0.3
0.5
1.0
2.0 3.0
5.0
10
20
LF-250 Common mode
Frequency (MHz)
Attenuation (Static Characteristics)
LF-240
250
40
1500
300
1
1.5
40
–20 to +45
3.2
LF-240P
250
40
2000
300
1
1.5
40
–20 to +45
3.2
LF-250
250
50
1500
300
1
1.5
40
–20 to +45
4.0
LF-250P
250
50
2000
300
1
1.5
40
–20 to +45
4.0
LF-260N
250
60
1500
300
1
1.5
30
–20 to +55
6.5
LF-240U
250
40
1500
300
1
1.5
40
–20 to +45
UL
3.2
Rated
Rated
WithstandingInsulation resistance
Leakage
Voltage
Self-
Operating
Model
voltage
current
voltage 1 min.,
500VDC 1 min.,
currentdrop
temperature temperatureCertified Weight
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
50Hz,
rise
range
standard
(kg)
AC (V)
(M ) min.
(mA) max.
(V) max.
(K) max.
(˚C)
[mm]
Casing Type
Metal box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com