Electronic Components Datasheet Search
  English  ▼

X  

PI-151LMF Datasheet(PDF) 18 Page - NEC

Part # PI-151LMF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-151LMF Datasheet(HTML) 18 Page - NEC

Back Button PI-151LMF Datasheet HTML 14Page - NEC PI-151LMF Datasheet HTML 15Page - NEC PI-151LMF Datasheet HTML 16Page - NEC PI-151LMF Datasheet HTML 17Page - NEC PI-151LMF Datasheet HTML 18Page - NEC PI-151LMF Datasheet HTML 19Page - NEC PI-151LMF Datasheet HTML 20Page - NEC PI-151LMF Datasheet HTML 21Page - NEC PI-151LMF Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 104 page
background image
Power Inductors VOL.10
18
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
DC-Superposed Characteristics
2.4
2.0
1.6
1.2
0.8
0.4
0
0
5
10
15
20
100
℃
20
℃
25
30
Idc
(A)
C
・PI-1365-1R2
C
・PI-1350-1R2
C
・PI-1365-0R7
C
・PI-1350-0R7
C
・PI-1050-1R0
2.5
2.0
1.5
1.0
0.5
0
0
5
10
15
20
100
℃
20
℃
25
Idc
(A)
C
・PI-1050-0R6
C
・PI-1050-1R6
C
・PI-1050-2R2
0
5
10
15
20
25
30
1.0
0.8
0.6
0.4
0.2
0
100
℃
20
℃
Idc
(A)
C
・PI-1250-0R6
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
04
26
8
10
12
Idc
(A)
100
℃
20
℃
C
・PI-1050-2R7S
4
3
2
1
0
0
5
15
15
20
Idc
(A)
100
℃
20
℃
C
・PI-1365-3R0S
W2
C
E
D
r
W1
Reel dimensions
C
・PI-1050 Series(1000pcs./reel)
B
3.2
P1
P0
P2
øD0
K
T
Dimensions of indented square hole plastic tape
[mm]
A
±0.2
10
B
±0.2
10.5
W
±0.4
24
F
±0.2
11.5
E
±0.2
1.75
P1
±0.2
16
P2
±0.2
2.0
P0
±0.2
4.0
øD0
+0.2,-0
1.5
T
±0.1
0.4
K
±0.2
5.9
[mm]
[mm]
±2.0
380
±5.0
100
±0.5
13
±0.8
21
±0.5
2.0
R1.0
25.5
A
BC
D
E
r
W1
W2
 
28.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com