Electronic Components Datasheet Search
  English  ▼

X  

PI-151LMF Datasheet(PDF) 23 Page - NEC

Part # PI-151LMF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-151LMF Datasheet(HTML) 23 Page - NEC

Back Button PI-151LMF Datasheet HTML 19Page - NEC PI-151LMF Datasheet HTML 20Page - NEC PI-151LMF Datasheet HTML 21Page - NEC PI-151LMF Datasheet HTML 22Page - NEC PI-151LMF Datasheet HTML 23Page - NEC PI-151LMF Datasheet HTML 24Page - NEC PI-151LMF Datasheet HTML 25Page - NEC PI-151LMF Datasheet HTML 26Page - NEC PI-151LMF Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 104 page
background image
Power Inductors VOL.10
23
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
1.6
5.5
1.6
Shape and Dimensions
Recommended Land Pattern
[mm]
[mm]
(5.5)
1.0±0.3
1.0±0.3
4.5 MAX
7.5±0.5
*1 T=40K rise at rated current. *2 Inductance drop 30% at rated current.
●Operating temperature range:−20to+120℃(Including self-temperature rise)
PLC-0745-2R0S
2.0± 30%
19
5.1
7.0
6.2
PLC-0745-3R3S
3.3± 30%
22
4.8
5.9
3.8
PLC-0745-4R7S
4.7± 30%
34
4.0
5.0
3.7
PLC-0745-5R6S
5.6± 30%
38
3.8
4.9
3.6
PLC-0745-6R8S
6.8± 30%
40
3.6
4.4
3.1
PLC-0745-8R2S
8.2± 30%
70
2.8
3.8
2.7
PLC-0745-100S
10.0± 20%
80
2.6
3.3
2.4
PLC-0745-120S
12.0± 20%
90
2.4
3.2
2.3
PLC-0745-150S
15.0± 20%
107
2.2
2.8
2.0
PLC-0745-180S
18.0± 20%
113
2.1
2.6
1.9
PLC-0745-220S
22.0± 20%
135
1.9
2.3
1.7
PLC-0745-330S
33.0± 20%
200
1.7
1.9
1.3
Leadless Power Inductors
PLC-0745 Series
[RoHS Compliant]
Leadless Power Inductors
PLC-0745 Series
[RoHS Compliant]
Inductance
DC resistance
Rated current(A)
Model
at 100kHz, 1mA
RDC(mΩ)max.
Irms *1
Isat(Ref.)
*2
(μH)
at 20℃
at 100℃
Dot mark
Lot No. Inductance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com