Electronic Components Datasheet Search
  English  ▼

X  

PI-151LMF Datasheet(PDF) 96 Page - NEC

Part # PI-151LMF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-151LMF Datasheet(HTML) 96 Page - NEC

Back Button PI-151LMF Datasheet HTML 92Page - NEC PI-151LMF Datasheet HTML 93Page - NEC PI-151LMF Datasheet HTML 94Page - NEC PI-151LMF Datasheet HTML 95Page - NEC PI-151LMF Datasheet HTML 96Page - NEC PI-151LMF Datasheet HTML 97Page - NEC PI-151LMF Datasheet HTML 98Page - NEC PI-151LMF Datasheet HTML 99Page - NEC PI-151LMF Datasheet HTML 100Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 104 page
background image
Power Inductors VOL.10
96
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
●SBCP-80HY Series(SBCP-80HY□□□H)
Package: Bulk・4,000pcs/box
Tape & reel・500pcs/AMMO pack 2,000pcs/box
Numbering System
SBCP - 80HY - 101 H B
① Series
Core size (Outer size x height)
Model numbers and Core sizes
The model number (5 digits) consists of core size and inductance as shown below.
②
Model
Core size [mm]
10.0
ø8.0
SBCP-80HY
„„„H
③
10×101=100(μH)
④
⑤
* For bulk type
* Lead pitch is value at the
root end.
13.50
11.70
9.20
7.60
6.50
5.30
4.00
3.40
2.70
2.20
1.80
1.60
1.20
1.00
0.85
0.71
0.58
0.48
6.30
5.60
5.00
4.60
4.60
4.00
3.50
3.30
2.90
2.60
2.30
1.50
1.40
1.20
0.98
0.91
0.70
0.56
4.50
4.00
3.60
3.30
3.30
2.90
2.50
2.40
2.10
1.90
1.70
1.10
1.00
0.90
0.70
0.65
0.50
0.40
0.02
0.03
0.04
0.04
0.05
0.05
0.08
0.08
0.09
0.13
0.16
0.35
0.41
0.52
0.75
0.95
1.40
1.89
SBCP-80HY1R5H
1.5± 30%
SBCP-80HY2R2H
2.2± 30%
SBCP-80HY3R3H
3.3± 30%
SBCP-80HY4R7H
4.7± 20%
SBCP-80HY6R8H
6.8± 20%
SBCP-80HY100H
10± 20%
SBCP-80HY150H
15± 20%
SBCP-80HY220H
22± 20%
SBCP-80HY330H
33± 20%
SBCP-80HY470H
47± 10%
SBCP-80HY680H
68± 10%
1.70
1.80
1.30
0.24
SBCP-80HY820H
82± 10%
SBCP-80HY101H
100± 10%
SBCP-80HY151H
150± 10%
SBCP-80HY221H
220± 10%
SBCP-80HY331H
330± 10%
SBCP-80HY471H
470± 10%
SBCP-80HY681H
680± 10%
SBCP-80HY102H
1000± 10%
SBCP-80HY Coils
SBCP-80HY Coils
[RoHS Compliant]
[RoHS Compliant]
Inductance
DC resistance
Rated current
Current (Reference value)
Model
L (μH)
(Ω)
(A)
(A)
at 10 kHz, 1mA
max.
ΔT=20˚C
ΔT=40˚C
L change rate–10%
Inductance:
Presence of external tube: H shows presence.
Packaging type: No indication for tape type. ;B; indicates bulk type.
*The presence of an external tube may not be indicated on the surface of sample products.
[mm]
Shape and Dimensions
5.0±0.5
ø0.6
(PB wire)
101
101
101
101
ø9.5
max.
●SBCP-80HY Series(SBCP-80HY□□□H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com