Electronic Components Datasheet Search
  English  ▼

X  

PI-151LMF Datasheet(PDF) 29 Page - NEC

Part # PI-151LMF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-151LMF Datasheet(HTML) 29 Page - NEC

Back Button PI-151LMF Datasheet HTML 25Page - NEC PI-151LMF Datasheet HTML 26Page - NEC PI-151LMF Datasheet HTML 27Page - NEC PI-151LMF Datasheet HTML 28Page - NEC PI-151LMF Datasheet HTML 29Page - NEC PI-151LMF Datasheet HTML 30Page - NEC PI-151LMF Datasheet HTML 31Page - NEC PI-151LMF Datasheet HTML 32Page - NEC PI-151LMF Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 104 page
background image
Power Inductors VOL.10
29
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
[mm]
[mm]
(5.5)
1.0±0.3
1.0±0.3
6.0 MAX
7.5±0.5
1.6
5.5
1.6
Shape and Dimensions
Recommended Land Pattern
*1 T=40K rise at rated current. *2 Inductance drop 30% at rated current.
●Operating temperature range:−20to+120℃(Including self-temperature rise)
PLC-0760-2R0S
2.0± 30%
14
6.5
7.0
5.3
PLC-0760-3R3S
3.3± 30%
18
5.8
5.4
4.1
PLC-0760-4R7S
4.7± 30%
21
5.2
4.6
3.5
PLC-0760-5R6S
5.6± 30%
23
4.9
4.1
3.1
PLC-0760-6R8S
6.8± 30%
31
4.7
3.9
3.0
PLC-0760-8R2S
8.2± 30%
34
4.4
3.5
2.5
PLC-0760-100S
10.0± 20%
37
4.1
3.2
2.4
PLC-0760-120S
12.0± 20%
42
3.6
2.9
2.1
PLC-0760-150S
15.0± 20%
57
3.1
2.5
1.8
PLC-0760-180S
18.0± 20%
64
2.9
2.4
1.7
PLC-0760-220S
22.0± 20%
71
2.7
2.2
1.6
PLC-0760-330S
33.0± 20%
130
1.9
1.8
1.3
Leadless Power Inductors
PLC-0760 Series
[RoHS Compliant]
Leadless Power Inductors
PLC-0760 Series
[RoHS Compliant]
Inductance
DC resistance
Rated current(A)
Model
at 100kHz, 1mA
RDC(mΩ)max.
Irms *1
Isat(Ref.)
*2
(μH)
at 20℃
at 100℃
Dot mark
Lot No. Inductance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com