Electronic Components Datasheet Search
  English  ▼

X  

PI-151LMF Datasheet(PDF) 93 Page - NEC

Part # PI-151LMF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-151LMF Datasheet(HTML) 93 Page - NEC

Back Button PI-151LMF Datasheet HTML 89Page - NEC PI-151LMF Datasheet HTML 90Page - NEC PI-151LMF Datasheet HTML 91Page - NEC PI-151LMF Datasheet HTML 92Page - NEC PI-151LMF Datasheet HTML 93Page - NEC PI-151LMF Datasheet HTML 94Page - NEC PI-151LMF Datasheet HTML 95Page - NEC PI-151LMF Datasheet HTML 96Page - NEC PI-151LMF Datasheet HTML 97Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 104 page
background image
Power Inductors VOL.10
93
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
Measurement conditions: 10kHz, 1mA at 25˚C
0
70
80
90
100
30
40
10
20
50
60
110
SBCP-47HY680B
SBCP-47HY470B
SBCP-47HY330B
SBCP-47HY100B
SBCP-47HY101B
SBCP-47HY220B
Idc (A)
0
0.5
1
1.5
2
2.5
DC-Superposed Characteristics
Shape and Dimensions
Numbering System
SBCP - 47HY
150 B
① Series
Core size : Outer size x height (φ4.5×7)
Inductance :
Packaging type :(B)indicates bulk type.
No indication for tape type.
②
③
15×100=15(μH)
④
[mm]
PP0
P1
FW
W0
W1
W2
HH1
D0
d
h
± 1.0
± 0.3
± 0.7
± 0.5 +1.0, –0.5 min. +0.75, –0.5 max. +2.0, –0 max.
± 0.2
± 2.0
12.7
12.7
5.1
2.5
18
12.5
9.0
3.0
18
29.5
ø4.0
ø0.5
0
P0
P
d
P1
F
D0
△h
[mm]
SBCP-47HY Series
Dimensions of indented square hole plastic tape
2.5±0.5
*Lead: hard copper wire (ø0.5)
ø5.0 max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com