Electronic Components Datasheet Search
  English  ▼

X  

DAC5672MPFBREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5672MPFBREP
Description  DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5672MPFBREP Datasheet(HTML) 2 Page - Texas Instruments

  DAC5672MPFBREP Datasheet HTML 1Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 2Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 3Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 4Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 5Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 6Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 7Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 8Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
DE-
MUX
DA[13:0]
DB[13:0]
MODE
GSET
Latch A
Latch B
14−b DAC
14−b DAC
IOUTA1
IOUTA2
IOUTB1
IOUTB2
1.2 V Reference
WRTB
WRTA
CLKB
CLKA
BIASJ_A
BIASJ_B
EXTIO
DVDD
DGND
AVDD
AGND
SLEEP
DAC5672-EP
SGLS339A – JUNE 2006 – REVISED OCTOBER 2006
The DAC5672 is available in a 48-pin thin quad flat pack (TQFP) package. Pin compatibility between family
members provides 12-bit (DAC5662) and 14-bit (DAC5672) resolution. Furthermore, the DAC5672 is pin
compatible to the DAC2904 and AD9767 dual DACs. The device is characterized for operation over the military
temperature range of –55
°C to 125°C.
FUNCTIONAL BLOCK DIAGRAM
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
48-PIN TQFP
DAC5672MPFBREP
–55
  C to 125  C
DAC5672MPFBEP
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com