Electronic Components Datasheet Search
  English  ▼

X  

DAC5672MPFBREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5672MPFBREP
Description  DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5672MPFBREP Datasheet(HTML) 5 Page - Texas Instruments

  DAC5672MPFBREP Datasheet HTML 1Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 2Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 3Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 4Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 5Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 6Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 7Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 8Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ELECTRICAL CHARACTERISTICS
DAC5672-EP
SGLS339A – JUNE 2006 – REVISED OCTOBER 2006
over operating free-air temperature range (unless otherwise noted)
UNIT
AVDD(2)
–0.5 V to 4 V
Supply voltage range
DVDD(3)
–0.5 V to 4 V
Voltage between AGND and DGND
–0.5 V to 0.5 V
Voltage between AVDD and DVDD
–0.5 V to 0.5 V
DA[13:0] and DB[13:0](3)
–0.5 V to DVDD + 0.5 V
MODE, CLKA, CLKB, WRTA, WRTB(3)
–0.5 V to DVDD + 0.5 V
Supply voltage range
IOUTA1, IOUTA2, IOUTB1, IOUTB2(2)
–1 V to AVDD + 0.5 V
EXTIO, BIASJ_A, BIASJ_B, SLEEP(2)
–0.5 V to AVDD + 0.5 V
Peak input current (any input)
20 mA
Peak total input current (all inputs)
–30 mA
Operating free-air temperature range
–55
  C to 125  C
Storage temperature range
–65
  C to 150  C
Lead temperature
1,6 mm (1/16 in) from the case for 10 s
260
  C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to AGND
(3)
Measured with respect to DGND
over operating free-air temperature range, AVDD = DVDD = 3.3 V, I
OUTFS = 20 mA, independent gain set mode
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
DC Specifications
Resolution
14
Bits
DC Accuracy(1)
TA = 25°C
–4
  1.1
4
INL
Integral nonlinearity
1 LSB = IOUTFS/214
LSB
TA = –55°C and 125°C
–5
  1.1
5
TA = 25°C
–3
  0.75
3
DNL
Differential nonlinearity
1 LSB = IOUTFS/214
LSB
TA = –55°C and 125°C
–4
  0.75
4
Analog Output
Offset error
Mid-scale value
  0.03
%FSR
Offset mismatch
Mid-scale value
  0.03
%FSR
With external reference at 1.25 V
  0.25
Gain error
%FSR
With internal reference
  0.25
Minimum full-scale output current(2)
2
mA
Maximum full-scale output current(2)
20
mA
With external reference
–2
0.2
2
Gain mismatch
%FSR
With internal reference
–2
0.2
2
Output voltage compliance range(3)
–0.8
1.25
V
RO
Output resistance
300
k
Ω
CO
Output capacitance
5
pF
(1)
Measured differentially through 50
Ω to AGND.
(2)
Nominal full-scale current, IOUTFS, equals 32× the IBIAS current.
(3)
The lower limit of the output compliance is determined by the CMOS process. Exceeding this limit may result in transistor breakdown,
resulting in reduced reliability of the DAC5672 device. The upper limit of the output compliance is determined by the load resistors and
full-scale output current. Exceeding the upper limit adversely affects distortion performance and integral nonlinearity.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com