Electronic Components Datasheet Search
  English  ▼

X  

DAC5672MPFBREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5672MPFBREP
Description  DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5672MPFBREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC5672MPFBREP Datasheet HTML 2Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 3Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 4Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 5Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 6Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 7Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 8Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 9Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC5672-EP
SGLS339A – JUNE 2006 – REVISED OCTOBER 2006
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, AVDD = DVDD = 3.3 V, I
OUTFS = 20 mA, independent gain set mode
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Reference Output
Reference voltage
1.14
1.2
1.26
V
Reference output current(4)
100
nA
Reference Input
VEXTI
Input voltage
0.1
1.25
V
O
RI
Input resistance
1
M
Ω
Small signal bandwidth
300
kHz
CI
Input capacitance
100
pF
Temperature Coefficients
ppm of
Offset drift
2
FSR/
  C
With external reference
  20
ppm of
Gain drift
FSR/
  C
With internal reference
  40
Reference voltage drift
  20
ppm/
  C
(4)
Use an external buffer amplifier with high-impedance input to drive any external load.
over operating free-air temperature range, AVDD = DVDD = 3.3 V, I
OUTFS = 20 mA, fDATA = 200 MSPS, fOUT = 1 MHz,
independent gain set mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
AVDD
Analog supply voltage
3
3.3
3.6
V
DVDD
Digital supply voltage
3
3.3
3.6
V
Including output current through load
75
90
resistor
IAVDD
Supply current, analog
mA
Sleep mode with clock
2.5
6
Sleep mode without clock
2.5
25
38
IDVDD
Supply current, digital
Sleep mode with clock
13.4
18
mA
Sleep mode without clock
0.6
330
390
Sleep mode with clock
53
Power dissipation
mW
Sleep mode without clock
9.2
fDATA = 200 MSPS, fOUT = 20 MHz
350
APSRR
Analog power-supply rejection ratio
–0.2
–0.01
0.2
%FSR/V
DPSRR
Digital power-supply rejection ratio
–0.2
0
0.2
%FSR/V
TA
Operating free-air temperature
–55
125
°C
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com