Electronic Components Datasheet Search
  English  ▼

X  

DAC5672MPFBREP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5672MPFBREP
Description  DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5672MPFBREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC5672MPFBREP Datasheet HTML 10Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 11Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 12Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 13Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 14Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 15Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 16Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 17Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
www.ti.com
GSET
MODE
Internal
Digital In
DVDD
DGND
Input Interfaces
Dual-Bus Data Interface and Timing
DAC5672-EP
SGLS339A – JUNE 2006 – REVISED OCTOBER 2006
DIGITAL INPUTS AND TIMING (continued)
Figure 19. CMOS/TTL Digital Equivalent Input With Internal Pullup Resistor
The DAC5672 features two operating modes selected by the MODE pin (see Table 1).
•
For dual-bus input mode, the device essentially consists of two separate DACs. Each DAC has its own
separate data input bus, clock input, and data write signal (data latch-in).
•
In single-bus interleaved mode, the data must be presented interleaved at the A-channel input bus. The
B-channel input bus is not used in this mode. The clock and write input are now shared by both DACs.
Table 1. Operating Modes
MODE PIN
MODE pin connected to DGND
MODE pin connected to DVDD
BUS INPUT
Single-bus interleaved mode, clock and write input equal for both DACs
Dual-bus mode, DACs operate independently
In dual-bus mode, the MODE pin is connected to DVDD. The two converter channels within the DAC5672
consist of two independent, 14-bit, parallel data ports. Each DAC channel is controlled by its own set of write
(WRTA, WRTB) and clock (CLKA, CLKB) lines. The WRTA/B lines control the channel input latches and the
CLKA/B lines control the DAC latches. The data is first loaded into the input latch by a rising edge of the
WRTA/B line.
The internal data transfer requires a correct sequence of write and clock inputs, since essentially two clock
domains having equal periods (but possibly different phases) are input to the DAC5672. This is defined by a
minimum requirement of the time between the rising edge of the clock and the rising edge of the write inputs.
This essentially implies that the rising edge of CLKA/B must occur at the same time or before the rising edge of
the WRTA/B signal. A minimum delay of 2 ns must be maintained if the rising edge of the clock occurs after the
rising edge of the write. Note that these conditions are satisfied when the clock and write inputs are connected
externally. Note that all specifications were measured with the WRTA/B and CLKA/B lines connected together.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com