Electronic Components Datasheet Search
  English  ▼

X  

DAC5672MPFBREP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5672MPFBREP
Description  DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5672MPFBREP Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC5672MPFBREP Datasheet HTML 17Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 18Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 19Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 20Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 21Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 22Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 23Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 24Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
www.ti.com
Reference Operation
Internal Reference
I
OUTFS +
32
I
REF +
32
V
REF
R
SET
(9)
External Reference
Gain Setting Option
Sleep Mode
DAC5672-EP
SGLS339A – JUNE 2006 – REVISED OCTOBER 2006
APPLICATION INFORMATION (continued)
The DAC5672 has an on-chip reference circuit which comprises a 1.2-V bandgap reference and two control
amplifiers, one for each DAC. The full-scale output current, IOUTFS, of the DAC5672 is determined by the
reference voltage, VREF, and the value of resistor RSET. IOUTFS can be calculated by:
The reference control amplifier operates as a V-to-I converter producing a reference current, IREF, which is
determined by the ratio of VREF and RSET (see Equation 9). The full-scale output current, IOUTFS, results from
multiplying IREF by a fixed factor of 32.
Using the internal reference, a 2-k
Ω resistor value results in a full-scale output of approximately 20 mA.
Resistors with a tolerance of 1% or better should be considered. Selecting higher values, the output current can
be adjusted from 20 mA down to 2 mA. Operating the DAC5672 at lower than 20-mA output currents may be
desirable for reasons of reducing the total power consumption, improving the distortion performance, or
observing the output compliance voltage limitations for a given load condition.
It is recommended to bypass the EXTIO pin with a ceramic chip capacitor of 0.1
  F or more. The control
amplifier is internally compensated and its small signal bandwidth is approximately 300 kHz.
The internal reference can be disabled by simply applying an external reference voltage into the EXTIO pin that,
in this case, functions as an input. The use of an external reference may be considered for applications that
require higher accuracy and drift performance or to add the ability of dynamic gain control.
While a 0.1-
  F capacitor is recommended to be used with the internal reference, it is optional for the external
reference operation. The reference input, EXTIO, has a high input impedance (1 M
Ω) and can easily be driven
by various sources. Note that the voltage range of the external reference must stay within the compliance range
of the reference input.
The full-scale output current on the DAC5672 can be set two ways — either for each of the two DAC channels
independently or for both channels simultaneously. For the independent gain set mode, the GSET pin (pin 42)
must be low (that is, connected to AGND). In this mode, two external resistors are required — one RSET
connected to the BIASJ_A pin (pin 44) and the other to the BIASJ_B pin (pin 41). In this configuration, the user
has the flexibility to set and adjust the full-scale output current for each DAC independently, allowing for the
compensation of possible gain mismatches elsewhere within the transmit signal path.
Alternatively, bringing the GSET pin high (that is, connected to AVDD), the DAC5672 switches into the
simultaneous gain set mode. Now the full-scale output current of both DAC channels is determined by only one
external RSET resistor connected to the BIASJ_A pin. The resistor at the BIASJ_B pin may be removed;
however, this is not required since this pin is not functional in this mode and the resistor has no effect on the
gain equation.
The DAC5672 features a power-down function that can reduce the total supply current to approximately 3.1 mA
over the specified supply range if no clock is present. Applying a logic high to the SLEEP pin initiates the
power-down mode, while a logic low enables normal operation. When left unconnected, an internal active
pulldown circuit enables the normal operation of the converter.
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com