Electronic Components Datasheet Search
  English  ▼

X  

ADS774H Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS774H
Description  Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS774H Datasheet(HTML) 2 Page - Texas Instruments

  ADS774H Datasheet HTML 1Page - Texas Instruments ADS774H Datasheet HTML 2Page - Texas Instruments ADS774H Datasheet HTML 3Page - Texas Instruments ADS774H Datasheet HTML 4Page - Texas Instruments ADS774H Datasheet HTML 5Page - Texas Instruments ADS774H Datasheet HTML 6Page - Texas Instruments ADS774H Datasheet HTML 7Page - Texas Instruments ADS774H Datasheet HTML 8Page - Texas Instruments ADS774H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
ADS774H
SBAS443 – AUGUST 2009 ................................................................................................................................................................................................ www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
LINEARITY
PACKAGE-
PACKAGE
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
SINAD(2)
ERROR
LEAD
DESIGNATOR
RANGE
NUMBER
MEDIA, QUANTITY
NT
–40°C to +85°C
ADS774HIBNT
Rail, 13
70dB
±1/2 LSB
DIP-28(3)
NTD
–40°C to +85°C
ADS774HIBNTD
Rail, 13
ADS774HIB
(High-Grade)
ADS774HIBDW
Tape and Reel, 28
70dB
±1/2 LSB
SO-28
DW
–40°C to +85°C
ADS774HIBEDWR
Tape and Reel, 1000
NT
–40°C to +85°C
ADS774HINTD
Rail, 13
68dB
±1LSB
DIP-28(3)
NTD
–40°C to +85°C
ADS774HINT
Rail, 13
ADS774HI
(Standard-Grade)
ADS774HIDW
Tape and Reel, 28
68dB
±1LSB
SO-28
DW
–40°C to +85°C
ADS774HIDWR
Tape and Reel, 1000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
SINAD is Signal-to-(Noise + Distortion) expressed in dB.
(3)
DIP-28 package is product preview.
Over operating free-air temperature range (unless otherwise noted).
ADS774H
UNIT
VEE to Digital Common
+VDD to –16.5
V
VDD to Digital Common
0 to +7
V
Analog Common to Digital Common
±1
V
Control inputs (CE, CS, A0, 12/8, R/C) to Digital Common
–0.5 to VDD +0.5
V
Analog inputs (REF IN, Bipolar Offset, 10V Range) to Analog Common
±16.5
V
20V Range to Analog Common
±24
V
Indefinite short to common,
Ref Out
momentary short to VDD
Maximum junction temperature
+165
°C
Power dissipation
1000
mW
Lead temperature (soldering, 10s)
+300
°C
DIP-28
Thermal impedance,
100
°C/W
θ
JA
SO-28
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com