Electronic Components Datasheet Search
  English  ▼

X  

ADS774H Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS774H
Description  Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS774H Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS774H Datasheet HTML 9Page - Texas Instruments ADS774H Datasheet HTML 10Page - Texas Instruments ADS774H Datasheet HTML 11Page - Texas Instruments ADS774H Datasheet HTML 12Page - Texas Instruments ADS774H Datasheet HTML 13Page - Texas Instruments ADS774H Datasheet HTML 14Page - Texas Instruments ADS774H Datasheet HTML 15Page - Texas Instruments ADS774H Datasheet HTML 16Page - Texas Instruments ADS774H Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
CONTROLLING THE ADS774H
ADS774H
www.ti.com ................................................................................................................................................................................................ SBAS443 – AUGUST 2009
reading the output data when ready: choosing either
12 bits all at once, or the eight MSBs followed by the
The
ADS774H
can
easily
interface
with
most
four LSBs in a left-justified format. The five control
microprocessors and other digital systems. The
inputs
(12/8,
CS,
A0, R/C, and CE) are all
microprocessor
may
take
full
control
of
each
TTL-/CMOS-compatible. The functions of the control
conversion, or the converter may operate in a
inputs are described in Table 1. The control function
stand-alone mode, controlled only by the R/C input.
truth table is shown in Table 2.
Full control consists of selecting an 8- or 12-bit
conversion
cycle,
initiating
the
conversion,
and
Table 1. Control Line Functions
DESIGNATION
DEFINITION
FUNCTION
Must be high ('1') to either initiate a conversion or read output data. 0-to-1 edge
CE (pin 6)
Chip Enable (active high)
may be used to initiate a conversion.
Must be low ('0') to either initiate a conversion or read output data. 1-to-0 edge
CS (pin 3)
Chip Select (active low)
may be used to initiate a conversion.
Must be low ('0') to initiate either 8- or 12-bit conversions. 1-to-0 edge may be used
Read/Convert
to initiate a conversion.
R/C (pin 5)
'1' = Read
Must be high ('1') to read output data. 0-to-1 edge may be used to initiate a read
'0' = Convert
operation.
In the start-convert mode, A0 selects either 8-bit (A0 = '1') or 12-bit (A0 = '0')
A0 (pin 4)
Byte Address, short cycle
conversion mode. When reading output data in two 8-bit bytes, A0 = '0' accesses
eight MSBs (high byte) and A0 = '1' accesses four LSBs and trailing 0s (low byte).
Data Mode select
When reading output data, 12/8 = '1' enables all 12 output bits simultaneously.
12/8 (pin 2)
'1' = 12-bit
12/8 = '0' enables the MSBs or LSBs as determined by the A0 line.
'0' = 8-bit
Table 2. Control Input Truth Table
CE
CS
R/C
12/8
A0
OPERATION
0
X
X
X
X
None
X
1
X
X
X
None
↑
0
0
X
0
Initiate 12-bit conversion
↑
0
0
X
1
Initiate 8-bit conversion
1
↓
0
X
0
Initiate 12-bit conversion
1
↓
0
X
1
Initiate 8-bit conversion
1
0
↓
X
0
Initiate 12-bit conversion
1
0
↓
X
1
Initiate 8-bit conversion
1
0
1
1
X
Enable 12-bit output
1
0
1
0
0
Enable eight MSBs only
Enable four LSBs plus four trailing
1
0
1
0
1
zeroes
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com