Electronic Components Datasheet Search
  English  ▼

X  

ADS774H Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS774H
Description  Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS774H Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS774H Datasheet HTML 4Page - Texas Instruments ADS774H Datasheet HTML 5Page - Texas Instruments ADS774H Datasheet HTML 6Page - Texas Instruments ADS774H Datasheet HTML 7Page - Texas Instruments ADS774H Datasheet HTML 8Page - Texas Instruments ADS774H Datasheet HTML 9Page - Texas Instruments ADS774H Datasheet HTML 10Page - Texas Instruments ADS774H Datasheet HTML 11Page - Texas Instruments ADS774H Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADS774H
SBAS443 – AUGUST 2009 ................................................................................................................................................................................................ www.ti.com
PIN DESCRIPTIONS
PIN
NAME
NO.
I/O
DESCRIPTION
VDD
1
Power
5V digital logic supply
Data mode select
12/8
2
Input
'1' = read
'0' = convert
CS
3
Input
Chip select (active low)
A0
4
Input
Byte address, short cycle
Read/Convert
R/C
5
Input
'1' = 12-bit
'0' = 8-bit
CE
6
Input
Chip enable (active high)
NC
7
Do not connect
Ref Out
8
Output
2.5V reference output
Analog Common
9
Power
Analog ground
Ref In
10
Input
2.5V reference input
VEE
11
Power
–15V to +5V analog supply
Connect this pin to REF OUT through a 50
Ω resistor for bipolar operation, or connect to Analog
Bipolar Offset
12
Input
Common for unipolar operation.
10V Range
13
Input
0V to 10V or ±5V input span. Do not connect if using a 20V range.
20V Range
14
Input
0V to 20V or ±10V input span. Do not connect if using a 10V range.
Digital Common
15
Power
Digital ground
DB0
16
Output
DB1
17
Output
These pins provide the lower four bits of data when A0 is high. When A0 is low, these pins/bits are
disabled.
DB2
18
Output
DB3
19
Output
DB4
20
Output
DB5
21
Output
In 12-bit format, these pins output the middle four bits of data. In 8-bit format, they output the
middle four bits when A0 is low, and all 0's when A0 is high.
DB6
22
Output
DB7
23
Output
DB8
24
Output
DB9
25
Output
In 12-bit format, these pins output the upper four bits of data. In 8-bit format, they output the upper
four bits when A0 is low, and they are disabled when A0 is high.
DB10
26
Output
DB11
27
Output
STATUS
28
Output
Active high when conversion is in progress; active low when complete.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com