Electronic Components Datasheet Search
  English  ▼

X  

ADS774H Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS774H
Description  Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS774H Datasheet(HTML) 3 Page - Texas Instruments

  ADS774H Datasheet HTML 1Page - Texas Instruments ADS774H Datasheet HTML 2Page - Texas Instruments ADS774H Datasheet HTML 3Page - Texas Instruments ADS774H Datasheet HTML 4Page - Texas Instruments ADS774H Datasheet HTML 5Page - Texas Instruments ADS774H Datasheet HTML 6Page - Texas Instruments ADS774H Datasheet HTML 7Page - Texas Instruments ADS774H Datasheet HTML 8Page - Texas Instruments ADS774H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ELECTRICAL CHARACTERISTICS
ADS774H
www.ti.com ................................................................................................................................................................................................ SBAS443 – AUGUST 2009
All specifications at TA = TMIN to TMAX, VDD = +5V, VEE = –15V to +5V, sampling frequency of 117kHz, and fIN = 10kHz, unless otherwise
noted.
ADS774HI
ADS774HIB(1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SYSTEM PERFORMANCE
Resolution
12
12
Bits
ANALOG INPUTS
0 to +10,
0 to +10,
Unipolar
V
0 to +20
0 to +20
Voltage range
Bipolar
±5, ±10
±5, ±10
V
0V to +10V, ±5V
8.5
12
8.5
12
k
Ω
Impedance
±10V, 0V to +20V
35
50
35
50
k
Ω
DIGITAL INPUTS (CE, CS, R/C, A0, 12/8)
Logic 1
+2.0
+5.5
+2.0
+5.5
V
Voltages
Logic 0
–0.5
+0.8
–0.5
+0.8
V
Current
–5
0.1
+5
–5
0.1
+5
µA
Capacitance
5
5
pF
DC ACCURACY
At +25°C
±1
±1/2
LSB
Linearity error
TMIN to TMAX
(2)
±1
±1/2
LSB
Unipolar offset error
At +25°C (adjustable to zero)
±2
±2
LSB
Unipolar offset
TMIN to TMAX
(2)
±4
±3
LSB
Bipolar offset error
At +25°C (adjustable to zero)
±10
±4
LSB
Bipolar offset
TMIN to TMAX
(2)
±12
±5
LSB
At +25°C (adjustable to zero)
±0.25
±0.25
% of FS(4)
Full-scale calibration error(3)
TMIN to TMAX
(2)
±0.47
±0.37
% of FS
At +25°C
12
12
Bits
No missing codes resolution
TMIN to TMAX
(2)
12
12
Bits
AC ACCURACY(5)
Spurious free dynamic range
73
78
76
78
dB
Total harmonic distortion
–77
–72
–77
–75
dB
Signal-to-noise ratio
69
72
71
72
dB
Signal-to-(noise + distortion) ratio
68
71
70
71
dB
Intermodulation distortion
fIN1 = 20kHz, fIN2 = 23kHz
–75
–75
dB
TEMPERATURE COEFFICIENTS(6)
Unipolar offset
±1
±1
ppm/°C
Bipolar offset
±2
±2
ppm/°C
Full-scale calibration
±12
±12
ppm/°C
POWER-SUPPLY SENSITIVITY
Change in full-scale calibration(7)
+4.75V < VDD < +5.25V
±1/2
±1/2
LSB
CONVERSION TIME (Including Acquisition Time)
8-bit cycle
5.5
5.9
5.5
5.9
µs
tAQ + tC at +25°C
12-bit cycle
7.5
8
7.5
8
µs
12-bit cycle, TMIN to TMAX
8
8.5
8
8.5
µs
(1)
Shaded cells indicate different specifications from standard grade version of device.
(2)
Maximum error at TMIN and TMAX.
(3)
With fixed 50
Ω resistor from REF OUT to REF IN. This parameter is also adjustable to zero at +25°C.
(4)
FS in this parametric table means Full-Scale Range. That is, for a ±10V input range, FS = 20V; for a 0V to +10V range, FS = 10V.
(5)
Based on VEE = +5V, which is the Control Mode; see the S/H Control Mode and ADC774 Emulation Mode section.
(6)
Using internal reference.
(7)
This parameter is the worst-case change in accuracy from accuracy with a +5V supply.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com