Electronic Components Datasheet Search
  English  ▼

X  

ADS774H Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS774H
Description  Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS774H Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS774H Datasheet HTML 8Page - Texas Instruments ADS774H Datasheet HTML 9Page - Texas Instruments ADS774H Datasheet HTML 10Page - Texas Instruments ADS774H Datasheet HTML 11Page - Texas Instruments ADS774H Datasheet HTML 12Page - Texas Instruments ADS774H Datasheet HTML 13Page - Texas Instruments ADS774H Datasheet HTML 14Page - Texas Instruments ADS774H Datasheet HTML 15Page - Texas Instruments ADS774H Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
DEVICE OPERATION
BASIC OPERATION
DB11(MSB)
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0(LSB)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
19
18
17
16
15
Status
Output
ConvertCommand
+5V
10 F
m
50W
50W
+5V
LeaveUnconnected
21
20
22
23
24
25
26
27
28
NC
(1)
(2)
ADS774H
NOTES(1):Notinternallyconnected.
(2):ConnecttoGNDorV
forEmulationMode.
Connectto+5VforControlMode.
EE
±
10V
Analog
Input
ADS774H
SBAS443 – AUGUST 2009 ................................................................................................................................................................................................ www.ti.com
data output pins into a high-Z state and inhibits the
input lines. This condition means that pulses on pin 5
Figure 12 shows the minimum connections required
are ignored, so that new conversions cannot be
to operate the ADS774H in a basic ±10V range in the
initiated during the conversion, either as a result of
Control Mode (discussed in detail in the section,
spurious signals or to short-cycle the ADS774H.
Sample/Hold
(S/H)
Control
Mode
and
ADC774
Emulation Mode). The falling edge of a Convert
The ADS774H begins acquiring a new sample as
Command (a pulse that takes pin 5 low for a
soon as the conversion completes, even before the
minimum of 25ns) initiates two actions: first, it
STATUS output falls, and tracks the input signal until
switches the ADS774H input to the hold state;
the next conversion is started. The ADS774H is
second, it begins the conversion process. Pin 28
designed to complete a conversion and accurately
(STATUS) outputs high during the conversion, and
acquire a new signal in 8.5
µs (max) over the full
falls only after the conversion is completed and the
operating temperature range, so that conversions can
data have been latched on the data output pins (pins
take place at a full 117kHz.
16 to 27). Thus, the falling edge of STATUS on pin
28 can be used to read the data from the conversion.
Also, during conversion, the STATUS signal puts the
Figure 12. Basic ±10V Operation
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com