Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 134 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 134 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 130Page - Texas Instruments AM3703 Datasheet HTML 131Page - Texas Instruments AM3703 Datasheet HTML 132Page - Texas Instruments AM3703 Datasheet HTML 133Page - Texas Instruments AM3703 Datasheet HTML 134Page - Texas Instruments AM3703 Datasheet HTML 135Page - Texas Instruments AM3703 Datasheet HTML 136Page - Texas Instruments AM3703 Datasheet HTML 137Page - Texas Instruments AM3703 Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 280 page
background image
Device
sys_xtalin
sys_xtalgnd
sys_xtalout
Cf1
Cf2
Crystal
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
4.1.2
sys_xtalin / sys_xtalout External Crystal
An external crystal is connected to the device pins. Figure 4-2 describes the crystal implementation.
Figure 4-2. Crystal Implementation
1. When the crystal oscillator is in bypass mode (crystal implementation is unused), the sys_xtalgnd ball
is not connected.
The crystal must be in the fundamental mode of operation and parallel resonant. Table 4-2 summarizes
the required electrical constraints.
Table 4-2. Crystal Electrical Characteristics(1)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Parallel resonance crystal frequency(1)
12, 13, 16.8, or 19.2
MHz
Cf1
Cf1 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
Cf2
Cf2 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
ESR(Cf1,Cf2)
(2)
Frequency 12 MHz , Negative resistor at nominal 500
Ω, Negative
100
Ω
resistor at worst case 300
Ω
Frequency 13 MHz, Negative resistor at nominal 400
Ω, Negative
80
Ω
resistor at worst case 240
Ω
Frequency 16.8 MHz and 19.2 MHz, Negative resistor at nominal
60
Ω
300
Ω, Negative resistor at worst case 180 Ω
Co
Crystal shunt capacitance
4.5
pF
DL
Crystal drive level
0.5
mW
(1) Measured with the load capacitance specified by the crystal manufacturer. This load is defined by the foot capacitances tied in series. If
CL = 20 pF, then both foot capacitors will be Cf1 = Cf2 = 40 pF. Parasitic capacitance from package and board must also be taken in
account.
(2) The crystal motional resistance Rm is related to the equivalent series resistance (ESR) by the following formula:
ESR = Rm * (1 + (CO * Cf1 * Cf2 / (Cf1 + Cf2)))
2.
When selecting a crystal, the system design must take into account the temperature and aging
characteristics of a crystal versus the user environment and expected lifetime of the system.
134
Clock Specifications
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com