Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 136 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 136 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 132Page - Texas Instruments AM3703 Datasheet HTML 133Page - Texas Instruments AM3703 Datasheet HTML 134Page - Texas Instruments AM3703 Datasheet HTML 135Page - Texas Instruments AM3703 Datasheet HTML 136Page - Texas Instruments AM3703 Datasheet HTML 137Page - Texas Instruments AM3703 Datasheet HTML 138Page - Texas Instruments AM3703 Datasheet HTML 139Page - Texas Instruments AM3703 Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 280 page
background image
SWPS038-008
sys_xtalin
OSC0
OSC1
OSC1
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 4-5 details the squarer input clock timing requirements.
Table 4-5. sys_xtalin Squarer Input Clock Timing Requirements
—Bypass Mode (5)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
OCS0
1 / tc(xtalin)
Frequency, sys_xtalin
12, 13, 16.8, 19.2, 26, or 38.4
MHz
OCS1
tw(xtalin)
Pulse duration, sys_xtalin low or high
0.45 * tc(xtalin)
0.55 * tc(xtalin)
ns
tJ(xtalin)
Peak-to-peak jitter(1), sys_xtalin
X%(2) *
ps
tc(xtalin) (3) -
200
tR(xtalin)
Rise time, sys_xtalin
10
ns
tF(xtalin)
Fall time, sys_xtalin
10
ns
tJ(xtalin)
Frequency stability, sys_xtalin
+/-50
ppm
(+/-5ppm)(4)
(1)
–
Peak-to-peak jitter is meant here as follows:
–
The maximum value is the difference between the longest measured clock period and the expected clock period
–
The minimum value is the difference between the shortest measured clock period and the expected clock period Maximum and
minimum are obtained on a statistical population of 300 period samples and expressed relative to the expected clock period
(2) Depending on the internal system clock divider configuration (PRCM.PRM_CLKSRC_CTRL[7:6], SYSCLKDIV bit field), the sys_xtalin
input clock can be divided by 2 to provide the standard system clock (SYS_CLK) frequencies. For more information, see the Power,
Reset, and Clock Management chapter of the AM/DM37x Multimedia Device Technical Reference Manual (SPRUGN4). In X%, X
represents then the internal system clock divider with following possible values: X = 1 or 2.
(3) tc(xtalin) is the sys_xtalin cycle time of the clock coming to sys_xtalin ball.
(4)
±50 ppm is the clock frequency stability/accuracy and ±5 ppm takes into account the aging effects.
(5) In this table, the transition times are calculated for 10%-90% of VDDS. For more information on the corresponding VDDS power supply
name, please see the Ball Characteristics table corresponding to your package. The POWER column defines the VDDS power supply
for each ball.
Figure 4-3. sys_xtalin Squarer Input Clock
4.1.4
sys_32k CMOS Input Clock
Table 4-6 summarizes the electrical characteristics of the sys_32k input clock.
Table 4-6. sys_32k Input Clock Electrical Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
f
Frequency, sys_32k
32.768
kHz
Ci
Input capacitance
1.6
pF
Ri
Input resistance
3
106
M
Ω
Table 4-7 details the input requirements of the sys_32k input clock.
Table 4-7. sys_32k Input Clock Timing Requirements(1)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
CK0
1 / tc(32k)
Frequency, sys_32k
32.768
kHz
tR(32k)
Rise time, sys_32k
10
ns
tF(32k)
Fall time, sys_32k
10
ns
tJ(32k)
Frequency stability, sys_32k
200
ppm
136
Clock Specifications
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com