Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 135 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 131Page - Texas Instruments AM3703 Datasheet HTML 132Page - Texas Instruments AM3703 Datasheet HTML 133Page - Texas Instruments AM3703 Datasheet HTML 134Page - Texas Instruments AM3703 Datasheet HTML 135Page - Texas Instruments AM3703 Datasheet HTML 136Page - Texas Instruments AM3703 Datasheet HTML 137Page - Texas Instruments AM3703 Datasheet HTML 138Page - Texas Instruments AM3703 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Table 4-3 details the switching characteristics of the oscillator and the requirements of the input clock.
Table 4-3. Oscillator Switching Characteristics
—Crystal Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Oscillation frequency
12, 13, 16.8, or 19.2
MHz
tsX
Start-up time(1) (2)
3
ms
(1) Start-up time is defined as the time the oscillator takes to gain sys_xtalin amplitude enough to have 45% to 55% duty cycle at the core
input from the time power down (PWRDN) is released. Start-up time is a strong function of crystal parameters. At power-on reset, the
time is adjustable using the pin itself. The reset must be released when the oscillator or clock source is stable. To switch from bypass
mode to crystal or from crystal mode to bypass mode, there is a waiting time about 100
μs; however, if the chip comes from bypass
mode to crystal mode then the crystal will start-up after time mentioned in the tsX parameter.
(2) Before the processor boots up and the oscillator is set to bypass mode, there is a waiting time when the internal oscillator is in
application mode and receives a square wave. The switching time in this case is about 100
μs.
4.1.3
sys_xtalin Squarer Input Clock
Table 4-4 summarizes the base oscillator electrical characteristics.
Table 4-4. Oscillator Electrical Characteristics
—Bypass Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
f
Frequency
12, 13, 16.8, 19.2, 26, or 38.4
MHz
Ci
Input Capacitance
1.00
1.15
1.35
pF
Ri
Input Resistance
160
216
280
Ω
tsX
Start-up time(1)
See(2)
ms
(1) To switch from bypass mode to crystal mode or from crystal mode to bypass mode, there is a waiting time about 100
μs; however, if the
chip comes from bypass mode to crystal mode then the crystal will start-up after time mentioned in Table 4-3, tsX parameter above.
(2) Before the processor boots up and the oscillator is set to bypass mode, there is a waiting time when the internal oscillator is in
application mode and receives a square wave. The switching time in this case is about 100
μs.
Copyright
© 2010–2011, Texas Instruments Incorporated
Clock Specifications
135
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com