Electronic Components Datasheet Search
  English  ▼

X  

PC33814AE Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # PC33814AE
Description  Two Cylinder Small Engine Control IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33814AE Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button PC33814AE Datasheet HTML 37Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 38Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 39Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 40Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 41Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 42Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 43Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 44Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
41
33814
9
9
Ignition 2 Pre-Driver IGN/GPGD
Select
Retry
Enable
x
OL Current
Sink
x
OR/AND
PWM
Freq. 1
PWM
Freq. 0
(1)
(0)
(0)
(0)
(0)
(0)
(0)
(0)
10
A
Watchdog
Parameters
Enable/
Disable
Load
Time
x1 sec
Load Time
x100 ms
Load Time
x10 ms
Load Time 8 Load Time 4 Load Time 2 Load Time
(1)
(1)
(0)
(0)
(1)
(0)
(1)
(0)
11
B
VRS Manual
Parameters
Threshold
3
Threshold
2
Threshold
1
Threshold
0
Filter Time
3
Filter Time
2
Filter Time
1
Filter Time
0
(0)
(1)
(0)
(1)
(0)
(0)
(1)
(1)
12
C
VRS Automatic
Parameters
mantiss 8
mantiss 4
mantiss 2
mantiss 1 exponent 8 exponent 4 exponent 2 exponent 1
(0)
(1)
(1)
(1)
(0)
(0)
(1)
(1)
13
D
VRS Miscellaneous
Parameters
Man./Auto
Disable
VRS
x
High/ Low
Ref
De-glitch
Gnd VRSN Inv Inputs
Disable
2.5 V CM
(0)(0)
(0)
(0)
(0)
(0)
(0)
(0)
(0)
Table 22. SPI Control Registers
Reg #
Hex
7
6
5
4
3
2
1
0
0
0
Main OFF/ON
Control
INJ1
INJ2
REL1
REL2
LAMP
IGN1
IGN2
O2H
(0/1)
(0/1)
(0/1)
(0/1)
(0/1)
(0/1)
(0/1)
(0/1)
1
1
Other OFF/ON
Control
Pwren
OFF/ON
POST
Enable
OFF/ON
X
VProt
ON/OFF
X
Batsw
OFF/ON
Tach
OFF/ON
RESET
internal
only
(0)
(0)
(0)
(1)
(0)
(0)
(1)
(0)
2
2
Injector 1 Driver
X
PWM6
PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
(0)
(0)
(0)
(0)
(0)
(0)
(0)
(0)
3
3
Injector 2 Driver
X
PWM6
PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
(0)
(0)
(0)
(0)
(0)
(0)
(0)
(0)
4
4
Relay 1 Driver
X
PWM6
PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
(0)
(0)
(0)
(0)
(0)
(0)
(0)
(0)
5
5
Relay 2 Driver
X
PWM6
PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
(0)
(0)
(0)
(0)
(0)
(0)
(0)
(0)
6
6
Tachometer Driver
X
PWM6
PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
(0)
(0)
(0)
(0)
(0)
(0)
(0)
(0)
7
7
Lamp Driver
X
PWM6
PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
(0)
(0)
(0)
(0)
(0)
(0)
(0)
(0)
8
8
Batsw
X
PWM6
PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
(0)
(0)
(0)
(0)
(0)
(0)
(0)
(0)
9
9
O2 Heater Pre-
Driver
X
PWM6
PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
(0)
(0)
(0)
(0)
(0)
(0)
(0)
(0)
Table 21. SPI Configuration Registers
Reg #
Hex
76543
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com