Electronic Components Datasheet Search
  English  ▼

X  

PC33814AE Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # PC33814AE
Description  Two Cylinder Small Engine Control IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33814AE Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button PC33814AE Datasheet HTML 10Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 11Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 12Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 13Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 14Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 15Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 16Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 17Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
14
33814
DIGITAL INTERFACE (MRX, MTX,CSB, SI, SCLK, SO, RINX,O2HIN, INJINX, IGNINX, BATSW, VRSOUT, RESETB) (CONTINUED)
SO Tri-state Output (in tri-state mode, CSB = 1)
•0 V to 5.0 V
ITRISO
-10
–
10
A
CSB Input Current
• CSB = VCC
ICSB
-10
–
10
A
Input Logic Pull-up Current - CSB and MTX
• 0.0 to 4.2 V
ILOGIC_PU
-20
-50
-90
A
CSB Leakage Current to VCC
• CSB = 5.0 V, KEYSW = 0.0 V
ICSB(LKG)
–
–
10
A
SO, MRX High-state Output Voltage (CSB =0 for SO)
•ISO-HIGH = -1.0 mA
VSO_HIGH
VMRX_HIGH
VCC - 0.4
–
–
V
SO, MRX Low-state Output Voltage (CSB =0 for SO)
•ISO-LOW = 1.0 mA
VSO_LOW
VMRX_HIGH
–
–
0.4
V
BATSW High-state Output Voltage
•ISO-HIGH = -10 mA
VBATSW_HIGH
VCC - 1.0
–
–
V
BATSW Low-state Output Voltage
•ISO-LOW = 10 mA
VBATSW_LOW
–
–
1.0
V
KEYSW High-state Input Voltage
VKEYSW_HIGH
4.5
–
VPWR
V
KEYSW Low-state Input Voltage
VKEYSW_LOW
-0.3
–
2.5
V
KEYSW Hysteresis
VKEYSW_HYS
100
–
–
mV
VRS Low-state Output Voltage
IVRS-LOW = 1.0 mA
VVRSOUT_LOW
–
–
0.4
V
VRS Low-state Output Voltage
IVRS-LOW = 1.0 mA
VVRSOUT_HIGH
VCC -0.4
–
5.0
V
RESET Low-state Output Voltage
IRESET-LOW = 1.0 mA
VRESET_LOW
–
–
0.4
V
RESET High-state Leakage Voltage
IRESET_
LEAKAGE_HIGH
10
–
25
A
RESET Pull-down Resistor
RRESET_
PULDOWN
300
–
400
k
Table 4. Power Input Static Electrical Characteristics
Characteristics noted under conditions of 6.0 V
 VPWR  18 V, -40 C  TC  125 C, and Calibrated Timers, unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 14 V, TA = 25 C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com