Electronic Components Datasheet Search
  English  ▼

X  

PC33814AE Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # PC33814AE
Description  Two Cylinder Small Engine Control IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33814AE Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button PC33814AE Datasheet HTML 11Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 12Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 13Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 14Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 15Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 16Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 17Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 18Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33814
4.3
Dynamic Electrical Characteristics
Table 5. Dynamic Electrical Characteristics (12)
Characteristics noted under conditions of 6.0 V
 VPWR  18 V, -40 C  TC  125 C, and Calibrated Timers, unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 14 V, TA = 25 C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Required Low State Duration on VCC for Power On Reset
•VCC  0.2 V
tRESET
1.0
–
–
s
Power on RESET pulse width
t(POR)
100
-
-
s
WATCHDOG TIMER
Maximum Time Value Watchdog can be loaded with (default time)
WDMAX
–
–
10
sec.
Minimum Time Value Watchdog can be loaded with
WDMIN
1.0
–
–
ms
Reset Pulse Width when Watchdog times out
WDRESET
100
–
–
s
VRS CONDITIONING INPUT
Output Blanking Time Programming Range
(% of previous out pulse 0 to 15/32 in 1/32 steps, 15/32 = 46.9%)
OUTPUTBLANK
0
–
50
%
Output Deglitch Filter Time (1/128 of the previous output pulse)
OUTPUTDEGLITCH
–
1.0
–
%
Delay from CSB to Change in VRS Comparator Threshold (11)
DELAYTHRESH
–
–
10
s
Delay from CSB to Change in VRS Output Blank Time (11)
DELAYOBT
–
–
10
s
ISO9141 TRANSCEIVER
Typical ISO9141 Data Rate
ISOBR
–
10
–
kbps
Turn OFF Delay MTX Input to ISO Output
tTXDF
–
–
2.0
s
Turn ON/OFF Delay ISO Input to MRX Output
tRXDF, tRXDR
–
–
1.0
s
Rise and Fall Time MRX Output (measured from 10% to 90%)
tRXR, tRXF
–
–
1.0
s
Maximum Rise and Fall Time MTX Input (measured from 10% to 90%)
tTXR, tTXF
–
–
1.0
s
ALL LOW SIDE DRIVERS
Output ON Current Limit Fault Filter Timer
tSC1
30
60
90
µs
Output Retry Timer
tREF
7.0
10
13
ms
Inrush Current Delay Timer
tINRUSH
7.0(11)
10(11)
13(11)
ms
Output OFF Open-circuit Fault Filter Timer
t(OFF)OC
100
–
400
µs
Output Slew Rate, INJOUT1,INJOUT2,ROUT1,ROUT2, and LAMPOUT
•RLOAD = 500 VLOAD = 14 V
tSR(RISE)
1.0
5.0
10
V/
s
Output Slew Rate, INJOUT1,INJOUT2,ROUT1,ROUT2, and LAMPOUT
•RLOAD = 500 VLOAD = 14 V
tSR(FALL)
1.0
5.0
10
V/
s
Propagation Delay (Input Rising Edge OR CSB to Output Falling Edge)
• Input at 50% VDD to Output voltage 90% of VLOAD (INJ1, INJ2,
ROUT1, ROUT2, LAMP)
tPHL
–
1.0
5.0
µs
Propagation Delay (Input Rising Edge OR CSB to Output Falling Edge)
• Input at 50% VDD to Output voltage 90% of VLOAD (TACHOMETER)
tPHL
–
1.0
6.0
µs
Notes
11.
Guaranteed by Design
12.
PWM frequencies, watchdog time periods, and tachometer driver oscillator mode timings and frequencies, are all derived from the
trimmed, internal oscillator of 4.0 MHz




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com