Electronic Components Datasheet Search
  English  ▼

X  

PC33814AE Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # PC33814AE
Description  Two Cylinder Small Engine Control IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33814AE Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button PC33814AE Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 9Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 10Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 11Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 12Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 13Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
10
33814
4.2
Static Electrical Characteristics
Table 4. Power Input Static Electrical Characteristics
Characteristics noted under conditions of 6.0 V
 VPWR  18 V, -40 C  TC  125 C, and Calibrated Timers, unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 14 V, TA = 25 C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT (VPWR)
Supply Voltage (measured at VPWR pin)(4)
• Logic Stable Range
• Full Operational Range
• Full Parameter Specification Range
VPWR(FO)
VPWR(FO)
VPWR(FP)
2.5
4.5
6.0
–
–
–
45
36
18
V
Supply Current
• All Outputs Disabled (Normal Mode), excludes base current to the external
pnp
IVPWR(ON)
–
10.0
14.0
mA
Sleep State Supply Current (Must have PWREN & KEYSW
 0.8 V for sleep
state),
•VPWR = 18 V
IVPWR(SS)
–
10
20
A
VPWR Over-voltage Shutdown Threshold Voltage (OV Reset)(5)
VPWR(OV)
37.5
39
42
V
VPWR Over-voltage Shutdown Hysteresis Voltage
VPWR
(OV-HYS)
0.5
1.5
3.0
V
VCC Power On Reset Voltage Threshold (POR Power On Reset), rising VT
VCC(POR)
3.9
–
4.9
V
VCC Under-voltage Shutdown Threshold Voltage (UV Reset)(6), falling VT
VCC(UV)
2.9
–
3.9
V
VCC POR and Under-voltage Shutdown Hysteresis Voltage
VCC(UV/POR-HYS)
100
–
–
mV
VCC POR and Under-voltage Non-overlap (POR-UV)
VCC,
NONOVERLAP
0.8
1.0
1.2
V
VOLTAGE PRE-REGULATOR OUTPUT (VPPREF, VPPSENS)
VPPREF Output Voltage
VPPREF
5.85
6.5
7.15
V
VPPREF Output Current (includes external PNP current)
IVPPREF
–
-5.0
–
mA
VPPREF Current Limit
IVPPCL
-5
-15
-20
mA
Output Capacitance External (ceramic)
VOCE
2.2
–
25
F
VPPSENS Input Current
IVPPSENS
–
–
3
mA
Line Regulation IVCC = 100 mA, IVPROT = 50 mA 9.0 V < VPWR < 18 V and Diodes
Inc. FZT753TA PNP
REGLINE_VPP
–
2.0
25
mV
Dropout Voltage (Minimal Input/Output Voltage, tracks input below)
IVCC = 100 mA, IVPROT = 50 mA and Diodes Inc. FZT753TA PNP
VDROPOUT_PP
–
1.05
1.4
V
Notes
4.
This parameter is guaranteed by design but is not production tested.
5.
Over-voltage thresholds minimum and maximum include hysteresis.
6.
Under-voltage thresholds minimum and maximum include hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com