Electronic Components Datasheet Search
  English  ▼

X  

PC33814AE Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # PC33814AE
Description  Two Cylinder Small Engine Control IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33814AE Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button PC33814AE Datasheet HTML 40Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 41Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 42Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 43Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 44Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 45Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 46Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 47Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
44
33814
6
Typical Applications
6.0.1
Output OFF Open Load Fault
An Output OFF Open Load Fault is the detection and reporting of an open load when the corresponding output is disabled (input
bit programmed to a logic low state). The Output OFF Open Load Fault is detected by comparing the drain-to-source voltage of
the specific MOSFET output to an internally generated reference. Each output has one dedicated comparator for this purpose.
Each output has an internal pull-down current source or resistor. The pull-down current sources are enabled on power-up and
must be enabled for Open Load Detect to function. In cases were the Open Load Detect current is disabled, the status bit will
always respond with logic 0. The device will only shut down the pull-down current in Sleep mode or when disabled via the SPI.
During output switching, especially with capacitive loads, a false Output OFF Open Load Fault may be triggered. To prevent this
false fault from being reported, an internal fault filter of 100 to 450 µs is incorporated. The duration for which a false fault may be
reported is a function of the load impedance, RDS(ON), COUT of the MOSFET, as well as the supply voltage, VPWR. The rising edge
of CSB triggers the built-in fault delay timer. The timer must time out before the fault comparator is enabled to detect a faulted
threshold. Once the condition causing the Open Load Fault is removed, the device resumes normal operation. The Open Load
Fault, however, will be latched in the output SO Response register for the MCU to read.
6.0.2
Low Voltage Operation
Low voltage condition (6.5 V< VPWR <9.0 V) will operate per the command word, however parameter tables may be out of
specification and status reported on SO pin is not guaranteed.
6.0.3
Low Side Injector Driver Voltage Clamp
Each Injector output of the 33814 incorporates an internal voltage clamp to provide fast turn-OFF and transient protection. Each
clamp independently limits the drain-to-source voltage to VCL. The total energy clamped (EJ) can be calculated by multiplying the
current area under the current curve (IA) times the clamp voltage (VCL) (see Figure 12).
Characterization of the output clamps, using a repetitive pulse method at 1.0 A, indicates the maximum energy to be 100 mJ at
125
C junction temperature per output.
Figure 12. Output Voltage Clamping
6.0.4
Reverse Battery Protection
The 33814 device requires external reverse battery protection on the VPWR pin.
All outputs consist of a power MOSFET with an integral substrate diode. During a reverse battery condition, current will flow
through the load via the substrate diode. Under this condition load devices will turn on. If load reverse battery protection is
desired, a diode must be placed in series with the load.
Current
Area (IA )
Clamp Energy
(E
J = IA x VCL )
Drain Voltage
Time
Drain-to-Source C lamp
Voltage (VCL = 45 V)
Drain Current
(I
D = 0.3 A)
GND
Drain-to-Source ON
Voltage (VDS(O N))
50 V)
Drain-to-Source Clamp
Voltage (VCL = 50 V)
Drain-to-Source ON
Voltage (VDS(ON))
Drain Voltage
Clamp Energy
(EJ = IA x VCL)
GND
Time
Drain Current
(ID = 0.3 A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com