Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD1213 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVD1213
Description  1:4 Low Additive Jitter LVDS Buffer With Divider
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD1213 Datasheet(HTML) 2 Page - Texas Instruments

  CDCLVD1213 Datasheet HTML 1Page - Texas Instruments CDCLVD1213 Datasheet HTML 2Page - Texas Instruments CDCLVD1213 Datasheet HTML 3Page - Texas Instruments CDCLVD1213 Datasheet HTML 4Page - Texas Instruments CDCLVD1213 Datasheet HTML 5Page - Texas Instruments CDCLVD1213 Datasheet HTML 6Page - Texas Instruments CDCLVD1213 Datasheet HTML 7Page - Texas Instruments CDCLVD1213 Datasheet HTML 8Page - Texas Instruments CDCLVD1213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
INP
INN
DIV
/1 /2 /4
QP0
QN0
QP1
QN1
QDP
QDN
QP2
QN2
70 W
V
T
70 W
200 kW
VCC
GND
200 kW
3mmx 3mm
16 pinQFN (RGT)
ThermalPad
VCC
INN
INP
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13
QP1
QN2
QP2
QN1
VT
CDCLVD1213
SCAS897 – JULY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Figure 2. CDCLVD1213 Block Diagram
RGT PACKAGE
(TOP VIEW)
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CDCLVD1213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com