Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD1213 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVD1213
Description  1:4 Low Additive Jitter LVDS Buffer With Divider
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD1213 Datasheet(HTML) 3 Page - Texas Instruments

  CDCLVD1213 Datasheet HTML 1Page - Texas Instruments CDCLVD1213 Datasheet HTML 2Page - Texas Instruments CDCLVD1213 Datasheet HTML 3Page - Texas Instruments CDCLVD1213 Datasheet HTML 4Page - Texas Instruments CDCLVD1213 Datasheet HTML 5Page - Texas Instruments CDCLVD1213 Datasheet HTML 6Page - Texas Instruments CDCLVD1213 Datasheet HTML 7Page - Texas Instruments CDCLVD1213 Datasheet HTML 8Page - Texas Instruments CDCLVD1213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CDCLVD1213
www.ti.com
SCAS897 – JULY 2010
PIN DESCRIPTIONS
CDCLVD1213 Pin Descriptions
PIN
TYPE
DESCRIPTION
NAME
NO.
VCC
5, 10
Power
2.5 V supply for the device
GND
1, 9
Ground
Device ground
INP, INN
7, 6
Input
Differential input pair
VT
8
Input
Input for threshold voltage
QDP, QDN
2,3
Output
Differential divided LVDS output pair
QP0, QN0
11,12
Output
Differential LVDS output pair no. 0
QP1, QN1
13,14
Output
Differential LVDS output pair no. 1
QP2, QN2
15,16
Output
Differential LVDS output pair no. 2
Input with an internal
DIV
4
200k
Ω pull-up and
Divider selection – selects divider ratio for QD output; (See Table 1)
pull-down
Thermal Pad
See thermal management recommendations
Table 1. Divider Selection Table
DIV
DIVIDER RATIO
0
/1
open
/2
1
/4
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted).
(1)
VALUE
UNIT
Supply voltage range, VCC
–0.3 to 2.8
V
Input voltage range, VI
–0.2 to VCC +0.2
V
Output voltage range, VO
–0.2 to VCC+0.2
V
Driver short circuit current , IOSD
See Note(2)
Electrostatic discharge (Human Body Model 1.5 k
Ω, 100 pF)
>3000
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The output can handle the permanent short.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted).
MIN
TYP
MAX
UNIT
Device supply voltage, VCC
2.375
2.5
2.625
V
Ambient temperature, TA
–40
85
°C
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCLVD1213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com