Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD1213 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVD1213
Description  1:4 Low Additive Jitter LVDS Buffer With Divider
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD1213 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCLVD1213 Datasheet HTML 5Page - Texas Instruments CDCLVD1213 Datasheet HTML 6Page - Texas Instruments CDCLVD1213 Datasheet HTML 7Page - Texas Instruments CDCLVD1213 Datasheet HTML 8Page - Texas Instruments CDCLVD1213 Datasheet HTML 9Page - Texas Instruments CDCLVD1213 Datasheet HTML 10Page - Texas Instruments CDCLVD1213 Datasheet HTML 11Page - Texas Instruments CDCLVD1213 Datasheet HTML 12Page - Texas Instruments CDCLVD1213 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
FerriteBead
1 µF
10 µF
0.1 µF
LVDS
Z = 50 W
CDCLVD1213
100 W
Z = 50 W
LVDS
Z = 50 W
CDCLVD1213
100 W
Z = 50 W
100 nF
100 nF
CDCLVD1213
www.ti.com
SCAS897 – JULY 2010
POWER-SUPPLY FILTERING
High-performance clock buffers are sensitive to noise on the power supply, which can dramatically increase the
additive jitter of the buffer. Thus, it is essential to reduce noise from the system power supply, especially when
jitter/phase noise is critical to applications.
Filter capacitors are used to eliminate the low-frequency noise from the power supply, where the bypass
capacitors provide the low impedance path for high-frequency noise and guard the power-supply system against
the induced fluctuations. These bypass capacitors also provide instantaneous current surges as required by the
device and should have low equivalent series resistance (ESR). To properly use the bypass capacitors, they
must be placed close to the power-supply pins and laid out with short loops to minimize inductance. It is
recommended to add as many high-frequency (for example, 0.1 µF) bypass capacitors as there are supply pins
in the package. It is recommended, but not required, to insert a ferrite bead between the board power supply and
the chip power supply that isolates the high-frequency switching noises generated by the clock driver; these
beads prevent the switching noise from leaking into the board supply. Choose an appropriate ferrite bead with
low dc resistance because it is imperative to provide adequate isolation between the board supply and the chip
supply, as well as to maintain a voltage at the supply pins that is greater than the minimum voltage required for
proper operation.
Figure 12. Power-Supply Decoupling
LVDS OUTPUT TERMINATION
The proper LVDS termination for signal integrity over two 50
Ω lines is 100 Ω between the outputs on the
receiver end. Either dc-coupled termination or ac-coupled termination can be used for LVDS outputs. It is
recommended to place termination resister close to the receiver. If the receiver is internally biased, ac-coupling
should be used. If the LVDS receiver has internal 100
Ω termination, external termination is not required.
Unused outputs can be left open without connecting any traces to the output pins.
Figure 13. Output DC Termination
Figure 14. Output AC Termination (With Receiver Internally Biased)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CDCLVD1213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com