Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD1213 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVD1213
Description  1:4 Low Additive Jitter LVDS Buffer With Divider
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD1213 Datasheet(HTML) 1 Page - Texas Instruments

  CDCLVD1213 Datasheet HTML 1Page - Texas Instruments CDCLVD1213 Datasheet HTML 2Page - Texas Instruments CDCLVD1213 Datasheet HTML 3Page - Texas Instruments CDCLVD1213 Datasheet HTML 4Page - Texas Instruments CDCLVD1213 Datasheet HTML 5Page - Texas Instruments CDCLVD1213 Datasheet HTML 6Page - Texas Instruments CDCLVD1213 Datasheet HTML 7Page - Texas Instruments CDCLVD1213 Datasheet HTML 8Page - Texas Instruments CDCLVD1213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ASIC
PHY1
PHY2
FPGA
156.25 MHz
CDCLVD 1213
LVDSBuffer
withDivider
DIV
CDCLVD1213
www.ti.com
SCAS897 – JULY 2010
1:4 Low Additive Jitter LVDS Buffer With Divider
Check for Samples: CDCLVD1213
1
FEATURES
DESCRIPTION
•
1:4 Differential Buffer
•
Low Additive Jitter: <300 fs RMS in 10-kHz to
The CDCLVD1213 clock buffer distributes an input
clock to 4 pairs of differential LVDS clock outputs with
20-MHz
low additive jitter for clock distribution. The input can
•
Low Output Skew of 20 ps (Max)
either be LVDS, LVPECL, or CML.
•
Selectable Divider Ratio 1, /2, /4
The CDCLVD1213 contains a high performance
•
Universal Input Accepts LVDS, LVPECL, and
divider for one output (QD) which can divide the input
CML
clock signal by a factor of 1, 2, or 4.
•
4 LVDS Outputs, ANSI EAI/TIA-644A Standard
The CDCLVD1213 is specifically designed for driving
Compatible
50
Ω transmission lines. The part supports a fail safe
•
Clock Frequency up to 800 MHz
function. The device incorporates an input hysteresis
which prevents random oscillation of the outputs in
•
2.375 V–2.625 V Device Power Supply
the absence of an input signal.
•
Industrial Temperature Range: –40°C to 85°C
The device operates in 2.5 V supply environment and
•
Packaged in 3 mm × 3 mm 16-Pin QFN (RGT)
is characterized from –40°C to 85°C (ambient
•
ESD Protection Exceeds 3 kV HBM, 1 kV CDM
temperature). The CDCLVD1213 is packaged in
small 16-pin, 3-mm × 3-mm QFN package.
APPLICATIONS
•
Telecommunications/Networking
•
Medical Imaging
•
Test and Measurement Equipment
•
Wireless Communications
•
General Purpose Clocking
Figure 1. Application Example
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCLVD1213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1213 TI2-CDCLVD1213 Datasheet
843Kb / 24P
CDCLVD1213 1:4 Low Additive Jitter LVDS Buffer With Divider
REVISED OCTOBER 2016
CDCLVD1213 TI2-CDCLVD1213 Datasheet
847Kb / 25P
CDCLVD1213 1:4 Low Additive Jitter LVDS Buffer With Divider
REVISED OCTOBER 2016
CDCLVD1213RGTR TI2-CDCLVD1213RGTR Datasheet
843Kb / 24P
CDCLVD1213 1:4 Low Additive Jitter LVDS Buffer With Divider
REVISED OCTOBER 2016
CDCLVD1213RGTR TI2-CDCLVD1213RGTR Datasheet
847Kb / 25P
CDCLVD1213 1:4 Low Additive Jitter LVDS Buffer With Divider
REVISED OCTOBER 2016
CDCLVD1213RGTR.A TI2-CDCLVD1213RGTR.A Datasheet
843Kb / 24P
CDCLVD1213 1:4 Low Additive Jitter LVDS Buffer With Divider
REVISED OCTOBER 2016
More results

Similar Description - CDCLVD1213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2104 TI1-CDCLVD2104 Datasheet
782Kb / 21P
Dual 1:4 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106 Datasheet
706Kb / 21P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
Dual 1:8 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com