Electronic Components Datasheet Search
  English  ▼

X  

CDCLVP2102 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP2102
Description  Four LVPECL Output, High-Performance Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2102 Datasheet(HTML) 4 Page - Texas Instruments

  CDCLVP2102 Datasheet HTML 1Page - Texas Instruments CDCLVP2102 Datasheet HTML 2Page - Texas Instruments CDCLVP2102 Datasheet HTML 3Page - Texas Instruments CDCLVP2102 Datasheet HTML 4Page - Texas Instruments CDCLVP2102 Datasheet HTML 5Page - Texas Instruments CDCLVP2102 Datasheet HTML 6Page - Texas Instruments CDCLVP2102 Datasheet HTML 7Page - Texas Instruments CDCLVP2102 Datasheet HTML 8Page - Texas Instruments CDCLVP2102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CDCLVP2102
SCAS881B
– AUGUST 2009 – REVISED AUGUST 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: LVPECL Output
(1)
At VCC = 2.375 V to 2.625 V and TA = –40°C to +85°C (unless otherwise noted).
CDCLVP2102
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
Output high voltage
VCC – 1.26
VCC – 0.9
V
VOL
Output low voltage
VCC – 1.7
VCC – 1.3
V
VOUT, DIFF, PP
Differential output peak-peak voltage
fIN ≤ 2 GHz
0.5
1.35
V
VAC_REF
Input bias voltage(2)
IAC_REF = 2 mA
VCC – 1.6
VCC – 1.1
V
VIN, DIFF, PP = 0.1V
450
ps
tPD
Propagation delay
VIN, DIFF, PP = 0.3V
450
ps
tSK,PP
Part-to-part skew
100
ps
tSK,O_WB
Within bank output skew
10
tSK,O_BB
Bank-to-bank output skew
Both inputs have equal skew
15
ps
Crossing-point-to-crossing-point
tSK,P
Pulse skew (with 50% duty cycle input)
–50
50
ps
distortion, fOUT = 100 MHz
fOUT = 100 MHz, VIN,SE = VCC,
0.089
ps, RMS
Vth = 1.25 V, 10 kHz to 20 MHz
fOUT = 100 MHz, VIN,SE = 0.9 V,
0.093
ps, RMS
Vth = 1.1 V, 10 kHz to 20 MHz
Random additive jitter (with 50% duty
fOUT = 2 GHz, VIN,DIFF,PP = 0.2 V,
tRJIT
0.037
ps, RMS
cycle input)
VICM = 1 V, 10 kHz to 20 MHz
fOUT = 100 MHz, VIN,DIFF,PP = 0.15 V,
0.094
ps, RMS
VICM = 1 V, 10 kHz to 20 MHz
fOUT = 100 MHz, VIN,DIFF,PP = 1 V,
0.091
ps, RMS
VICM = 1 V, 10 kHz to 20 MHz
fOUT,8 = 500 MHz, VIN,DIFF,PP,0 = 0.15 V,
VICM, 0 = 1 V, fOUT, 7 = 62.5 MHz,
–52.5
dBc
VIN,SE,1 = VCC, Vth, 1 = VCC/2
fOUT,8 = 500 MHz, VIN,DIFF,PP,0 = 0.15 V,
VICM, 0 = 1 V, fOUT, 7 = 62.5 MHz,
–66.8
dBc
Coupling on differential OUT8 from
VIN,DIFF,PP,1 = 1 V, VICM, 1 = 1 V
OUT7 in the frequency spectrum
PSPUR
of fOUT, 8 ±(fOUT, 8/2) with
fOUT,8 = 500 MHz, VIN,DIFF,PP,0 = 0.15 V,
synchronous inputs
VICM, 0 = 1 V, fOUT, 7 = 15.625 MHz,
–52
dBc
VIN,SE,1 = VCC, Vth, 1 = VCC/2
fOUT,8 = 500 MHz, VIN,DIFF,PP,0 = 0.15 V,
VICM, 0 = 1 V, fOUT, 7 = 15.625 MHz,
–66.4
dBc
VIN,DIFF,PP,1 = 1 V, VICM, 1 = 1 V
tR/tF
Output rise/fall time
20% to 80%
200
ps
IEE
Supply internal current
Outputs unterminated
48
mA
ICC
Output and internal supply current
All outputs terminated, 50
Ω to VCC – 2
173
mA
(1)
Figure 8 and Figure 9 show dc and ac test setup.
(2)
Internally generated bias voltage (VAC_REF) is for 3.3-V operation only. It is recommended to apply externally generated bias voltage for
VCC < 3.0 V.
4
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): CDCLVP2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com