Electronic Components Datasheet Search
  English  ▼

X  

CDCLVP2102 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP2102
Description  Four LVPECL Output, High-Performance Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2102 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCLVP2102 Datasheet HTML 10Page - Texas Instruments CDCLVP2102 Datasheet HTML 11Page - Texas Instruments CDCLVP2102 Datasheet HTML 12Page - Texas Instruments CDCLVP2102 Datasheet HTML 13Page - Texas Instruments CDCLVP2102 Datasheet HTML 14Page - Texas Instruments CDCLVP2102 Datasheet HTML 15Page - Texas Instruments CDCLVP2102 Datasheet HTML 16Page - Texas Instruments CDCLVP2102 Datasheet HTML 17Page - Texas Instruments CDCLVP2102 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LVDS
100 W
CDCLVP2102
LVPECL
V
CC
V
CC
250 W
62.5 W
250 W
62.5 W
CDCLVP2102
LVPECL
V
CC
V
CC
130 W
82 W
130 W
82 W
CDCLVP2102
CDCLVP2102
SCAS881B
– AUGUST 2009 – REVISED AUGUST 2011
www.ti.com
Figure 17 shows how to dc couple LVDS inputs to the CDCLVP2102. Figure 18 and Figure 19 describe the
method of dc coupling LVPECL inputs to the CDCLVP2102 for VCC = 2.5 V and VCC = 3.3 V, respectively.
Figure 17. DC-Coupled LVDS Inputs to CDCLVP2102
Figure 18. DC-Coupled LVPECL Inputs to CDCLVP2102 (VCC = 2.5 V)
Figure 19. DC-Coupled LVPECL Inputs to CDCLVP2102 (VCC = 3.3 V)
14
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): CDCLVP2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com