Electronic Components Datasheet Search
  English  ▼

X  

CDCLVP2102 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP2102
Description  Four LVPECL Output, High-Performance Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2102 Datasheet(HTML) 1 Page - Texas Instruments

  CDCLVP2102 Datasheet HTML 1Page - Texas Instruments CDCLVP2102 Datasheet HTML 2Page - Texas Instruments CDCLVP2102 Datasheet HTML 3Page - Texas Instruments CDCLVP2102 Datasheet HTML 4Page - Texas Instruments CDCLVP2102 Datasheet HTML 5Page - Texas Instruments CDCLVP2102 Datasheet HTML 6Page - Texas Instruments CDCLVP2102 Datasheet HTML 7Page - Texas Instruments CDCLVP2102 Datasheet HTML 8Page - Texas Instruments CDCLVP2102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LVPECL
2
2
Reference
Generator
GND
OUTP[3,2]
OUTN[3,2]
LVPECL
2
2
OUTP[1,0]
OUTN[1,0]
V
CC
V
AC_REF
INP0
INN0
INP1
INN1
CDCLVP2102
www.ti.com
SCAS881B
– AUGUST 2009 – REVISED AUGUST 2011
Four LVPECL Output,
High-Performance Clock Buffer
Check for Samples: CDCLVP2102
1
FEATURES
DESCRIPTION
The CDCLVP2102 is a highly versatile, low additive
2
•
Dual 1:2 Differential Buffer
jitter buffer that can generate four copies of LVPECL
•
Two Clock Inputs
clock outputs from two LVPECL, LVDS, or LVCMOS
•
Universal Inputs Can Accept LVPECL, LVDS,
inputs for a variety of communication applications. It
LVCMOS/LVTTL
has a maximum clock frequency up to 2 GHz. Each
buffer block consists of one input that feeds two
•
Four LVPECL Outputs
LVPECL
outputs.
The
overall
additive
jitter
•
Maximum Clock Frequency: 2 GHz
performance is less than 0.1 ps, RMS from 10 kHz to
•
Maximum Core Current Consumption: 48 mA
20 MHz, and overall output skew is as low as 10 ps,
making the device a perfect choice for use in
•
Very Low Additive Jitter:
<100 fs,rms in 10-kHz
demanding applications.
to 20-MHz Offset Range
The CDCLVP2102 clock buffer distributes two clock
•
2.375-V to 3.6-V Device Power Supply
inputs (IN0, IN1) to four pairs of differential LVPECL
•
Maximum Propagation Delay: 450 ps
clock outputs (OUT0, OUT3) with minimum skew for
•
Maximum Within Bank Output Skew: 10 ps
clock distribution. Each buffer block consists of one
•
LVPECL Reference Voltage, VAC_REF, Available
input that feeds two LVPECL clock outputs. The
inputs can be LVPECL, LVDS, or LVCMOS/LVTTL.
for Capacitive-Coupled Inputs
•
Industrial Temperature Range:
–40°C to +85°C
The CDCLVP2102 is specifically designed for driving
50-
Ω transmission lines. When driving the inputs in
•
Available in 3-mm
× 3-mm QFN-16 (RGT)
single-ended
mode,
the
LVPECL
bias
voltage
Package
(VAC_REF) should be applied to the unused negative
•
ESD Protection Exceeds 2 kV (HBM)
input pin. However, for high-speed performance up to
2 GHz, differential mode is strongly recommended.
APPLICATIONS
The CDCLVP2102 is characterized for operation
•
Wireless Communications
from
–40°C to +85°C and is available in a QFN-16,
•
Telecommunications/Networking
3-mm
× 3-mm package.
•
Medical Imaging
•
Test and Measurement Equipment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCLVP2102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2102 TI2-CDCLVP2102 Datasheet
810Kb / 28P
CDCLVP2102 Four-LVPECL Output, High-Performance Clock Buffer
REVISED JANUARY 2016
CDCLVP2102 TI2-CDCLVP2102 Datasheet
850Kb / 31P
CDCLVP2102 Four-LVPECL Output, High-Performance Clock Buffer
REVISED JANUARY 2016
CDCLVP2102RGTR TI1-CDCLVP2102RGTR Datasheet
1Mb / 30P
Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102RGTR TI2-CDCLVP2102RGTR Datasheet
810Kb / 28P
CDCLVP2102 Four-LVPECL Output, High-Performance Clock Buffer
REVISED JANUARY 2016
CDCLVP2102RGTR TI2-CDCLVP2102RGTR Datasheet
850Kb / 31P
CDCLVP2102 Four-LVPECL Output, High-Performance Clock Buffer
REVISED JANUARY 2016
More results

Similar Description - CDCLVP2102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
16-LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com