Electronic Components Datasheet Search
  English  ▼

X  

CDCLVP2102 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP2102
Description  Four LVPECL Output, High-Performance Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2102 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCLVP2102 Datasheet HTML 2Page - Texas Instruments CDCLVP2102 Datasheet HTML 3Page - Texas Instruments CDCLVP2102 Datasheet HTML 4Page - Texas Instruments CDCLVP2102 Datasheet HTML 5Page - Texas Instruments CDCLVP2102 Datasheet HTML 6Page - Texas Instruments CDCLVP2102 Datasheet HTML 7Page - Texas Instruments CDCLVP2102 Datasheet HTML 8Page - Texas Instruments CDCLVP2102 Datasheet HTML 9Page - Texas Instruments CDCLVP2102 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
13
14
15
16
8
7
6
5
CDCLVP2102
OUTP2
OUTN2
OUTP3
OUTN3
ThermalPad
(1)
V
CC
V
AC_REF
INN0
INP0
CDCLVP2102
SCAS881B
– AUGUST 2009 – REVISED AUGUST 2011
www.ti.com
RGT PACKAGE
QFN-16
(TOP VIEW)
(1)
Thermal pad must be soldered to ground.
PIN DESCRIPTIONS
CDCLVP2102 Pin Descriptions
TERMINAL
TERMINAL
NAME
NO.
TYPE
DESCRIPTION
VCC
5
Power
2.5-/3.3-V supply for the device
GND
1
Ground
Device ground
INP0, INN0
6, 7
Input
Differential input pair or single-ended input no. 0
INP1, INN1
3, 4
Input
Differential input pair or single-ended input no. 1
OUTP3, OUTN3
15, 16
Output
Differential LVPECL output pair no. 3
OUTP2, OUTN2
13, 14
Output
Differential LVPECL output pair no. 2
OUTP1, OUTN1
11, 12
Output
Differential LVPECL output pair no. 1
OUTP0 OUTN0
9, 10
Output
Differential LVPECL output pair no. 0
Bias voltage output for capacitive-coupled input pair no. 0. Do not use VAC_REF at VCC <
VAC_REF
8
Output
3.0 V. If used, it is recommended to use a 0.1-
μF capacitor to GND on this pin. The output
current is limited to 2 mA.
NC
2
—
Do not connect
6
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): CDCLVP2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com