Electronic Components Datasheet Search
  English  ▼

X  

CDCLVP2102 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP2102
Description  Four LVPECL Output, High-Performance Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2102 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCLVP2102 Datasheet HTML 3Page - Texas Instruments CDCLVP2102 Datasheet HTML 4Page - Texas Instruments CDCLVP2102 Datasheet HTML 5Page - Texas Instruments CDCLVP2102 Datasheet HTML 6Page - Texas Instruments CDCLVP2102 Datasheet HTML 7Page - Texas Instruments CDCLVP2102 Datasheet HTML 8Page - Texas Instruments CDCLVP2102 Datasheet HTML 9Page - Texas Instruments CDCLVP2102 Datasheet HTML 10Page - Texas Instruments CDCLVP2102 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
1.8
Frequency(GHz)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
V
=2.375V
T = 40 Cto+85 C
V
=1V
V
=Min
CC
A
ICM
IN,DIFF,PP
-
°
°
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
1.8
Frequency(GHz)
1.1
1.2
1.3
1.0
0.9
0.8
0.7
0.6
0.5
0.4
V
=3.0V
T = 40 Cto+85 C
V
=1V
V
=Min
CC
A
ICM
IN,DIFF,PP
-
°
°
CDCLVP2102
www.ti.com
SCAS881B
– AUGUST 2009 – REVISED AUGUST 2011
TYPICAL CHARACTERISTICS
At TA = –40°C to +85°C (unless otherwise noted).
DIFFERENTIAL OUTPUT PEAK-TO-PEAK VOLTAGE
vs FREQUENCY
Figure 1.
DIFFERENTIAL OUTPUT PEAK-TO-PEAK VOLTAGE
vs FREQUENCY
Figure 2.
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CDCLVP2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com