Electronic Components Datasheet Search
  English  ▼

X  

DDC264 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DDC264
Description  64-Channel, Current-Input Analog-to-Digital Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC264 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DDC264 Datasheet HTML 17Page - Texas Instruments DDC264 Datasheet HTML 18Page - Texas Instruments DDC264 Datasheet HTML 19Page - Texas Instruments DDC264 Datasheet HTML 20Page - Texas Instruments DDC264 Datasheet HTML 21Page - Texas Instruments DDC264 Datasheet HTML 22Page - Texas Instruments DDC264 Datasheet HTML 23Page - Texas Instruments DDC264 Datasheet HTML 24Page - Texas Instruments DDC264 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DDC264
www.ti.com
SBAS368C
– MAY 2006 – REVISED JULY 2011
Configuration Register Bit Assignments
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0
0
Clkdiv
0
0
Range[1]
Range[0]
Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Version
0
0
Reserved
0
0
0
Test
Bits 15:14
These bits must always be set to '0'.
Bit 13
Clkdiv
The Clkdiv input enables an internal divider on the system clock as shown in Table 10. When
Clkdiv = 1, the system clock is divided by 4. This configuration allows a system clock that is
faster by a factor of four, which in turn provides a finer quantization of the integration time,
because the CONV signal must be synchronized with the system clock for the best performance.
0 = Internal clock divider set to 1
1 = Internal clock divider set to 4
Table 10. Clkdiv Operation
Clkdiv Bit
CLK Divider Value
CLK Frequency
Internal Clock Frequency
0
1
5MHz
5MHz
1
4
20MHz
5MHz
Bits 12:11
These bits must always be set to '0'.
Bits 10:9
Range[1:0]
These bits set the full-scale range.
00 = Range 0 = 12.5pC
10 = Range 2 = 100.0pC
01 = Range 1 = 50.0pC
11 = Range 3 = 150.0pC
Bit 8
Format
Format selects how many bits are used in the data output word.
0 = 16-bit output
1 = 20-bit output
Bit 7
Version
This bit must be set to match the device being used.
Must be set to '0' for DDC264C.
Must be set to '1' for DDC264CK.
Bits 6:5
These bits must always be set to '0'.
Bit 4
Reserved
This bit is reserved and must be set to '0'.
Bits 3:1
These bits must always be set to '0'.
Bit 0
Test
When Test Mode is used, the inputs (IN1 through IN64) are disconnected from the DDC264
integrators to enable the user to measure a zero input signal regardless of the current supplied
to the inputs.
0 = TEST mode off
1 = TEST mode on
Copyright
© 2006–2011, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com