Electronic Components Datasheet Search
  English  ▼

X  

DDC264 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DDC264
Description  64-Channel, Current-Input Analog-to-Digital Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC264 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DDC264 Datasheet HTML 9Page - Texas Instruments DDC264 Datasheet HTML 10Page - Texas Instruments DDC264 Datasheet HTML 11Page - Texas Instruments DDC264 Datasheet HTML 12Page - Texas Instruments DDC264 Datasheet HTML 13Page - Texas Instruments DDC264 Datasheet HTML 14Page - Texas Instruments DDC264 Datasheet HTML 15Page - Texas Instruments DDC264 Datasheet HTML 16Page - Texas Instruments DDC264 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
4
3
2
3
1
2
7
6
+
OPA350
To VREF Pin on
the DDC264
+5V
+5V
0.10 F
m
0.10 F
m
0.47 F
m
REF3040
1kW
0.7W
47 F
m
100mF
(1)
0.7W
10 F
m
(1)
Near Each DDC
DDC264
www.ti.com
SBAS368C
– MAY 2006 – REVISED JULY 2011
Integration Capacitors
amount of charge needed by the A/D converter is
independent
of
the
integration
time;
therefore,
There are four different capacitor configurations
increasing the integration time lowers the average
available on-chip for both sides of every channel in
current. For example, an integration time of 800
μs
the DDC264. These internal capacitors are trimmed
lowers the average VREF current to 340
μA.
in production to achieve the specified performance for
range error of the DDC264. The range control bits
It is critical that VREF be stable during the different
(Range[1:0]) set the capacitor value for all integrators.
modes of operation (see Figure 22). The A/D
Consequently, all inputs and both sides of each input
converter measures the voltage on the integrator with
always have the same full-scale range. Table 2
respect to VREF. Because the integrator capacitors
shows the capacitor value selected for each range
are initially reset to VREF, any drop in VREF from the
selection.
time the capacitors are reset to the time when the
converter measures the integrator output introduces
Table 2. Range Selection
an offset. It is also important that VREF be stable
over longer periods of time because changes in
RANGE CONTROL BITS
INPUT
RANGE
CF
VREF correspond directly to changes in the full-scale
RANGE
Range[1]
Range[0]
range. Finally, VREF should introduce as little
–0.04 to
additional noise as possible.
0
0
0
3pF
12.5pC
–0.2 to
For these reasons, it is strongly recommended that
1
0
1
12.5pF
50.0pC
the external reference source be buffered with an
–0.4 to
operational amplifier, as shown in Figure 23. In this
2
1
0
25pF
100pC
circuit, the voltage reference is generated by a
–0.6 to
3
1
1
37.5pF
+4.096V reference. A low-pass filter to reduce noise
150pC
connects the reference to an operational amplifier
configured as a buffer. This amplifier should have low
Voltage Reference
noise and input/output common-mode ranges that
support VREF. Even though the circuit in Figure 23
The external voltage reference is used to reset the
might appear to be unstable because of the large
integration capacitors before an integration cycle
output capacitors, it works well for the OPA350. It is
begins. It is also used by the A/D converter while the
not recommended that series resistance be placed in
converter is measuring the voltage stored on the
the output lead to improve stability because this can
integrators after an integration cycle ends. During this
cause a drop in VREF, which produces large offsets.
sampling, the external reference must supply the
charge needed by the A/D converter. For an
integration time of 333
μs, this charge translates to an
average VREF current of approximately 825
μA. The
(1)
Ceramic X5R capacitors are recommended.
Figure 23. Recommended External Voltage Reference Circuit for Best Low-Noise Operation
Copyright
© 2006–2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com